Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G04DBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G04DBVR
Description  Dual Inverter Gate
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G04DBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74LVC2G04DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
1
2
3
4
5
6
1A
X
VCC
2A
1Y
2Y
Y
X
Y
SN74LVC2G04
www.ti.com
SCES195N – APRIL 1999 – REVISED AUGUST 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74LVC2G04 contains two logic inverters. It can be used in a wide variety of applications, with this being
one example. Because this part has overvoltage tolerant inputs, it can be used for down translating logic levels.
This example explains the method used for down-translating with this logic gate.
9.2 Typical Application
Figure 3. Application Schematic
9.2.1 Design Requirements
The inputs, X and Y in Figure 3, to this device can be any value from –0.5 V to 6.5 V, according to Absolute
Maximum Ratings. Because the input limits are not associated with VCC, down-translation is simple. The output
voltage is selected with VCC, and so long as the input logic voltage is larger than VIH, found in Recommended
Operating Conditions, the output will trigger properly.
9.2.2 Detailed Design Procedure
1. Recommended Input Conditions
–
For rise time and fall time specifications, see (
Δt/ΔV) in the Recommended Operating Conditions
table.
–
For specified high and low levels, see (VIH and VIL) in the Recommended Operating Conditions table.
–
Inputs are overvoltage tolerant allowing them to go as high as (VI max) in the Recommended
Operating Conditions table at any valid VCC.
2. Recommend Output Conditions
–
Load currents should not exceed (IO max) per output and should not exceed total current (continuous
current through VCC or GND) for the part. These limits are located in the Absolute Maximum Ratings
table.
–
Outputs should not be pulled above VCC.
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN74LVC2G04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com