Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G04DBVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G04DBVR
Description  Dual Inverter Gate
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G04DBVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G04DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1A
1Y
1
6
2A
2Y
3
4
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN74LVC2G04
SCES195N – APRIL 1999 – REVISED AUGUST 2015
SN74LVC2G04 Dual Inverter Gate
1 Features
Amplifiers (TMA)
•
Vector Signal Analyzers and Generators
1
•
Available in the Texas Instruments
NanoFree™ Package
•
Video Converencing: IP-Based HD
•
Supports 5-V VCC Operation
•
WiMAX and Wireless Infrastructure Equipment
•
Inputs Accept Voltages to 5.5 V
•
Wireless Communications Testers and Wireless
Repeaters
•
Max tpd of 4.1 ns at 3.3 V
•
xDSL Modems and DSLAM
•
Low Power Consumption, 10-
μA Max ICC
•
±24-mA Output Drive at 3.3 V
3 Description
•
Typical VOLP (Output Ground Bounce)
This dual inverter is designed for 1.65-V to 5.5-V VCC
<0.8 V at VCC = 3.3 V, TA = 25°C
operation. The SN74LVC2G04 device performs the
•
Typical VOHV (Output VOH Undershoot)
Boolean function Y = A.
>2 V at VCC = 3.3 V, TA = 25°C
NanoFree
package
technology
is
a
major
•
Ioff Supports Partial-Power-Down Mode Operation
breakthrough in IC packaging concepts, using the die
•
Latch-Up Performance Exceeds 100 mA Per
as the package.
JESD 78, Class II
This device is fully specified for partial-power-down
•
ESD Protection Exceeds JESD 22
applications using Ioff. The Ioff circuitry disables the
outputs,
preventing
damaging
current
backflow
–
2000-V Human-Body Model (A114-A)
through the device when it is powered down.
–
200-V Machine Model (A115-A)
–
1000-V Charged-Device Model (C101)
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
2 Applications
SN74LVC2G04DBV
SOT-23 (6)
2.90 mm × 1.60 mm
•
IP Phones: Wired and Wireless
SN74LVC2G04DCK
SC70 (6)
2.00 mm × 1.25 mm
•
Optical Modules
SN74LVC2G04DRL
SOT (6)
1.60 mm × 1.20 mm
•
Optical Networking: EPON and Video Over Fiber
SN74LVC2G04YZP
DSBGA (6)
1.41 mm × 0.91 mm
•
Point-to-Point Microwave Backhaul
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
•
Power: Telecom DC/DC Module: Analog and
Digital
Logic Diagram (Positive Logic)
•
Private Branch Exchanges (PBX)
•
TETRA Base Exchanges
•
Telecom Base Band Units
•
Telecom Shelters: Power Distribution Units (PDU),
Power Monitoring Units (PMU), Wireless Battery
Monitoring, Remote Electrical Tilt Units (RET),
Remote Radio Units (RRU), Tower Mounted
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN74LVC2G04DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G04DBVR TI-SN74LVC2G04DBVR Datasheet
366Kb / 13P
DUAL INVERTER GATE
SN74LVC2G04DBVR TI-SN74LVC2G04DBVR Datasheet
388Kb / 15P
DUAL INVERTER GATE
SN74LVC2G04DBVR TI-SN74LVC2G04DBVR Datasheet
518Kb / 14P
DUAL INVERTER GATE
SN74LVC2G04DBVR TI-SN74LVC2G04DBVR Datasheet
635Kb / 15P
DUAL INVERTER GATE
SN74LVC2G04DBVR TI-SN74LVC2G04DBVR Datasheet
737Kb / 16P
DUAL INVERTER GATE
More results

Similar Description - SN74LVC2G04DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
366Kb / 13P
DUAL INVERTER GATE
SN74LVC2GU04 TI-SN74LVC2GU04 Datasheet
199Kb / 12P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_07 Datasheet
388Kb / 15P
DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04 Datasheet
481Kb / 12P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_08 Datasheet
518Kb / 14P
DUAL INVERTER GATE
SN74AUC2G04 TI-SN74AUC2G04_1 Datasheet
598Kb / 13P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04_10 Datasheet
635Kb / 15P
DUAL INVERTER GATE
SN74AUC2GU04 TI-SN74AUC2GU04 Datasheet
587Kb / 13P
DUAL INVERTER GATE
logo
Diodes Incorporated
74LVC2G04 DIODES-74LVC2G04 Datasheet
226Kb / 12P
DUAL INVERTER GATE
Rev 3
logo
Texas Instruments
SN74LVC2G04-EP TI1-SN74LVC2G04-EP Datasheet
531Kb / 13P
DUAL INVERTER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com