Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC2G04DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G04DBVR
Description  Dual Inverter Gate
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2G04DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74LVC2G04DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC2G04DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
1A
1Y
1
6
2A
2Y
3
4
SN74LVC2G04
SCES195N – APRIL 1999 – REVISED AUGUST 2015
www.ti.com
8 Detailed Description
8.1 Overview
The SN74LVC2G04 contains two identical inverters that operate from 1.65-V to 5.5-V VCC. Each inverter has a
balanced output capable of outputting 32 mA at VCC = 4.5 V. The overvoltage tolerant inputs allow for down-
translation of up to 6.5 V, and the partial power-off feature ensures that the inputs and outputs can be any value
from –0.5 V to 6.5 V when VCC is 0 V
8.2 Functional Block Diagram
8.3 Feature Description
NanoFree package technology is a major breakthrough in IC packaging concepts, using the die as the package.
This device supports 5-V VCC operation and up to 5.5-V inputs. It has a low propagation delay of only 4.1 ns at
3.3 V.
Power consumption is low with only 10-
μA Max ICC. Balanced drive output at 3.3 V can put out ±24-mA.
Typical output ground bounce is less than 0.8 V at 3.3-V VCC and typical output undershoot is greater than 2 V at
3.3-V VCC.
This device supports partial-power-down mode operation.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC2G04.
Table 1. Function Table (Each Inverter)
INPUT
OUTPUT
A
Y
H
L
L
H
8
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com