Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29SL400CB120EC Datasheet(PDF) 42 Page - SPANSION

Part # AM29SL400CB120EC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29SL400CB120EC Datasheet(HTML) 42 Page - SPANSION

Back Button AM29SL400CB120EC Datasheet HTML 36Page - SPANSION AM29SL400CB120EC Datasheet HTML 37Page - SPANSION AM29SL400CB120EC Datasheet HTML 38Page - SPANSION AM29SL400CB120EC Datasheet HTML 39Page - SPANSION AM29SL400CB120EC Datasheet HTML 40Page - SPANSION AM29SL400CB120EC Datasheet HTML 41Page - SPANSION AM29SL400CB120EC Datasheet HTML 42Page - SPANSION AM29SL400CB120EC Datasheet HTML 43Page - SPANSION AM29SL400CB120EC Datasheet HTML 44Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
40
March 3, 2005
Ad vance
Inform ati o n
Physical Dimensions
FBA048—48-Ball Fine-Pitch Ball Grid Array (FBGA) 6 x 8 mm Package
Dwg rev AF; 10/99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com