Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29SL400CB120EC Datasheet(PDF) 11 Page - SPANSION

Part # AM29SL400CB120EC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29SL400CB120EC Datasheet(HTML) 11 Page - SPANSION

Back Button AM29SL400CB120EC Datasheet HTML 7Page - SPANSION AM29SL400CB120EC Datasheet HTML 8Page - SPANSION AM29SL400CB120EC Datasheet HTML 9Page - SPANSION AM29SL400CB120EC Datasheet HTML 10Page - SPANSION AM29SL400CB120EC Datasheet HTML 11Page - SPANSION AM29SL400CB120EC Datasheet HTML 12Page - SPANSION AM29SL400CB120EC Datasheet HTML 13Page - SPANSION AM29SL400CB120EC Datasheet HTML 14Page - SPANSION AM29SL400CB120EC Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
March 3, 2005
9
Ad vance
Inform ati o n
Device Bus Operations
This section describes the requirements and use of
the device bus operations, which are initiated
through the internal command register. The com-
mand register itself does not occupy any addressable
memory location. The register is composed of
latches that store the commands, along with the ad-
dress and data information needed to execute the
command. The contents of the register serve as in-
puts to the internal state machine. The state ma-
chine outputs dictate the function of the device.
Table 1 lists the device bus operations, the inputs
and control levels they require, and the resulting
output. The following subsections describe each of
these operations in further detail.
Table 1. Am29SL400C Device Bus Operations
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 10 ± 1.0 V, X = Don’t Care, AIN = Address In, DIN = Data In, DOUT = Data Out
Notes:
1. Addresses are A17:A0 in word mode (BYTE# = VIH), A17:A-1 in byte mode (BYTE# = VIL).
2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the “Sector
Protection/Unprotection” section.
Word/Byte Configuration
The BYTE# pin controls whether the device data I/O
pins DQ15–DQ0 operate in the byte or word configu-
ration. If the BYTE# pin is set at logic ‘1’, the device
is in word configuration, DQ15–DQ0 are active and
controlled by CE# and OE#.
If the BYTE# pin is set at logic ‘0’, the device is in
byte configuration, and only data I/O pins DQ0–DQ7
are active and controlled by CE# and OE#. The data
I/O pins DQ8–DQ14 are tri-stated, and the DQ15 pin
is used as an input for the LSB (A-1) address func-
tion.
Requirements for Reading Array Data
To read array data from the outputs, the system
must drive the CE# and OE# pins to VIL. CE# is the
power control and selects the device. OE# is the out-
put control and gates array data to the output pins.
WE# should remain at VIH. The BYTE# pin deter-
mines whether the device outputs array data in
words or bytes.
The internal state machine is set for reading array
data upon device power-up, or after a hardware re-
set. This ensures that no spurious alteration of the
memory content occurs during the power transition.
No command is necessary in this mode to obtain
array data. Standard microprocessor read cycles that
assert valid addresses on the device address inputs
produce valid data on the device data outputs. The
device remains enabled for read access until the
command register contents are altered.
See Reading Array Data‚ on page 14 for more infor-
mation. Refer to the AC Read Operations table for
timing specifications and to Figure 14‚ on page 28 for
the timing diagram. ICC1 in the DC Characteristics
table represents the active current specification for
reading array data.
Operation
CE#
OE#
WE
#
RESET#
Addresses
(Note 1)
DQ0–
DQ7
DQ8–DQ15
BYTE#
= VIH
BYTE#
= VIL
Read
L
L
H
H
AIN
DOUT
DOUT
DQ8–DQ14 = High-Z,
DQ15 = A-1
Write
L
H
L
H
AIN
DIN
DIN
Standby
VCC ±
0.2 V
XX
VCC ±
0.2 V
X
High-Z
High-Z
High-Z
Output Disable
L
H
H
H
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
X
High-Z
High-Z
High-Z
Sector Protect (Note 2)
L
H
L
VID
Sector Address,
A6 = L, A1 = H,
A0 = L
DIN
XX
Sector Unprotect (Note 2)
L
H
L
VID
Sector Address,
A6 = H, A1 = H,
A0 = L
DIN
XX
Temporary Sector Unprotect
X
X
X
VID
AIN
DIN
DIN
High-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com