Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29SL400CB120EC Datasheet(PDF) 19 Page - SPANSION

Part # AM29SL400CB120EC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29SL400CB120EC Datasheet(HTML) 19 Page - SPANSION

Back Button AM29SL400CB120EC Datasheet HTML 15Page - SPANSION AM29SL400CB120EC Datasheet HTML 16Page - SPANSION AM29SL400CB120EC Datasheet HTML 17Page - SPANSION AM29SL400CB120EC Datasheet HTML 18Page - SPANSION AM29SL400CB120EC Datasheet HTML 19Page - SPANSION AM29SL400CB120EC Datasheet HTML 20Page - SPANSION AM29SL400CB120EC Datasheet HTML 21Page - SPANSION AM29SL400CB120EC Datasheet HTML 22Page - SPANSION AM29SL400CB120EC Datasheet HTML 23Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
March 3, 2005
17
Ad vance
Inform ati o n
When the Embedded Erase algorithm is complete,
the device returns to reading array data and ad-
dresses are no longer latched. The system can deter-
mine the status of the erase operation by using DQ7,
DQ6, DQ2, or RY/BY#. (Refer to Write Operation
Status‚ on page 18 for information on these status
bits.)
Figure 4 illustrates the algorithm for the erase opera-
tion. Refer to the Erase/Program Operations‚ on
page 30 for parameters, and to Figure 18‚ on
page 32 for timing diagrams.
Erase Suspend/Erase Resume Commands
The Erase Suspend command allows the system to
interrupt a sector erase operation and then read data
from, or program data to, any sector not selected for
erasure. This command is valid only during the sec-
tor erase operation, including the 50 µs time-out pe-
riod during the sector erase command sequence. The
Erase Suspend command is ignored if written during
the chip erase operation or Embedded Program algo-
rithm. Writing the Erase Suspend command during
the Sector Erase time-out immediately terminates
the time-out period and suspends the erase opera-
tion. Addresses are don’t-cares when writing the
Erase Suspend command.
When the Erase Suspend command is written during
a sector erase operation, the device requires a maxi-
mum of 20 µs to suspend the erase operation. How-
ever, when the Erase Suspend command is written
during the sector erase time-out, the device immedi-
ately terminates the time-out period and suspends
the erase operation.
After the erase operation has been suspended, the
system can read array data from or program data to
any sector not selected for erasure. (The device
erase suspends all sectors selected for erasure.)
Normal read and write timings and command defini-
tion s a pply. Re ading at any addr ess within
erase-suspended sectors produces status data on
DQ7–DQ0. The system can use DQ7, or DQ6 and
DQ2 together, to determine if a sector is actively
erasing or is erase-suspended. See Write Operation
Status‚ on page 18 for information on these status
bits.
After an erase-suspended program operation is com-
plete, the system can once again read array data
within non-suspended sectors. The system can de-
termine the status of the program operation using
the DQ7 or DQ6 status bits, just as in the standard
program operation. See Write Operation Status‚ on
page 18 for more information.
The system may also write the autoselect command
sequence when the device is in the Erase Suspend
mode. The device allows reading autoselect codes
even at addresses within erasing sectors, since the
codes are not stored in the memory array. When the
device exits the autoselect mode, the device reverts
to the Erase Suspend mode, and is ready for another
valid operation. See Autoselect Command Se-
quence‚ on page 15 for more information.
The system must write the Erase Resume command
(address bits are “don’t care”) to exit the erase sus-
pend mode and continue the sector erase operation.
Further writes of the Resume command are ignored.
Another Erase Suspend command can be written
after the device has resumed erasing.
Notes:
1. See Table 5 on page 18 for erase command sequence.
2. See DQ3: Sector Erase Timer‚ on page 21 for more in-
formation.
Figure 4. Erase Operation
START
Write Erase
Command Sequence
Data Poll
from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com