Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM29SL400CB120EC Datasheet(PDF) 25 Page - SPANSION

Part # AM29SL400CB120EC
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29SL400CB120EC Datasheet(HTML) 25 Page - SPANSION

Back Button AM29SL400CB120EC Datasheet HTML 21Page - SPANSION AM29SL400CB120EC Datasheet HTML 22Page - SPANSION AM29SL400CB120EC Datasheet HTML 23Page - SPANSION AM29SL400CB120EC Datasheet HTML 24Page - SPANSION AM29SL400CB120EC Datasheet HTML 25Page - SPANSION AM29SL400CB120EC Datasheet HTML 26Page - SPANSION AM29SL400CB120EC Datasheet HTML 27Page - SPANSION AM29SL400CB120EC Datasheet HTML 28Page - SPANSION AM29SL400CB120EC Datasheet HTML 29Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
March 3, 2005
23
Ad vance
Inform ati o n
Operating Ranges
Commercial (C) Devices
Ambient Temperature (TA). . . . . . . . . 0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA). . . . . . . –40°C to +85°C
VCC Supply Voltages
VCC for full voltage range . . . . . +1.65 V to +2.2 V
VCC for regulated voltage range . +1.70 V to +2.2 V
Operating ranges define those limits between which
the functionality of the device is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com