Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29PL64LM90 Datasheet(PDF) 31 Page - SPANSION

Part # MBM29PL64LM90
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM90 Datasheet(HTML) 31 Page - SPANSION

Back Button MBM29PL64LM90 Datasheet HTML 27Page - SPANSION MBM29PL64LM90 Datasheet HTML 28Page - SPANSION MBM29PL64LM90 Datasheet HTML 29Page - SPANSION MBM29PL64LM90 Datasheet HTML 30Page - SPANSION MBM29PL64LM90 Datasheet HTML 31Page - SPANSION MBM29PL64LM90 Datasheet HTML 32Page - SPANSION MBM29PL64LM90 Datasheet HTML 33Page - SPANSION MBM29PL64LM90 Datasheet HTML 34Page - SPANSION MBM29PL64LM90 Datasheet HTML 35Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 69 page
background image
MBM29PL64LM90/10
30
DQ7
Data Polling
The devices feature Data Polling as a method to indicate to the host that the Embedded Algorithms are in
progress or completed. During the Embedded Program Algorithm, an attempt to read devices will produce
reverse data last written to DQ7. Upon completion of the Embedded Program Algorithm, an attempt to read the
device will produce true data last written to DQ7. During the Embedded Erase Algorithm, an attempt to read the
device will produce a “0” at the DQ7 output. Upon completion of the Embedded Erase Algorithm, an attempt to
read device will produce a “1” at the DQ7 output. The flowchart for Data Polling (DQ7) is shown in “Data Polling
Algorithm” in sFLOW CHART.
For programming, the Data Polling is valid after the rising edge of fourth write pulse in the four write pulse
sequence.
For chip erase and sector erase, the Data Polling is valid after the rising edge of the sixth write pulse in the six
write pulse sequence. Data Polling must be performed at sector addresses of sectors being erased, not protected
sectors. Otherwise, the status may become invalid.
If a program address falls within a protected sector, Data polling on DQ7 is active for approximately 1
µs, then
the device returns to read mode. After an erase command sequence is written, if all sectors selected for erasing
are protected, Data Polling on DQ7 is active for approximately 100
µs, then the device returns to read mode. If
not all selected sectors are protected, the Embedded Erase algorithm erases the unprotected sectors, and
ignores the selected sectors that are protected.
Once the Embedded Algorithm operation is close to being completed, the device data pins (DQ7) may change
asynchronously while the output enable (OE) is asserted low. This means that the device is driving status
information on DQ7 at one instant of time, and then that byte’s valid data the next. Depending on when the system
samples the DQ7 output, it may read the status or valid data. Even if the device completes the Embedded
Algorithm operation and DQ7 has a valid data, the data outputs on DQ6 to DQ0 may still be invalid. The valid data
on DQ7 to DQ0 will be read on the successive read attempts.
The Data Polling feature is active only during the Embedded Programming Algorithm, Embedded Erase Algo-
rithm, Erace Suspendmode or sector erase time-out.
See “Data Polling during Embedded Algorithm Operation Timing Diagram” in sTIMING DIAGRAM for the Data
Polling timing specifications and diagram.
DQ6
Toggle Bit I
The device also feature the “Toggle Bit I” as a method to indicate to the host system that the Embedded Algorithms
are in progress or completed.
During an Embedded Program or Erase Algorithm cycle, successive attempts to read (CE or OE toggling) data
from the devices will result in DQ6 toggling between one and zero. Once the Embedded Program or Erase
Algorithm cycle is completed, DQ6 will stop toggling and valid data will be read on the next successive attempts.
During programming, the Toggle Bit I is valid after the rising edge of the fourth write pulse in the four write pulse
sequences. For chip erase and sector erase, the Toggle Bit I is valid after the rising edge of the sixth write pulse
in the six write pulse sequences. The Toggle Bit I is active during the sector time out.
In programm operation, if the sector being written to is protected, the Toggle bit will toggle for about 1
µs and
then stop toggling with the data unchanged. In erase, the device will erase all the selected sectors except for
the protected ones. If all selected sectors are protected, the chip will toggle the Toggle bit for about 100
µs and
then drop back into read mode, having data kept remained.
Either CE or OE toggling will cause the DQ6 to toggle. See “Toggle Bit l Timing Diagramduring Embedded
Algorithm Operations” in sTIMING DIAGRAM for the Toggle Bit I timing specifications and diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com