Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29PL64LM90 Datasheet(PDF) 40 Page - SPANSION

Part # MBM29PL64LM90
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM90 Datasheet(HTML) 40 Page - SPANSION

Back Button MBM29PL64LM90 Datasheet HTML 36Page - SPANSION MBM29PL64LM90 Datasheet HTML 37Page - SPANSION MBM29PL64LM90 Datasheet HTML 38Page - SPANSION MBM29PL64LM90 Datasheet HTML 39Page - SPANSION MBM29PL64LM90 Datasheet HTML 40Page - SPANSION MBM29PL64LM90 Datasheet HTML 41Page - SPANSION MBM29PL64LM90 Datasheet HTML 42Page - SPANSION MBM29PL64LM90 Datasheet HTML 43Page - SPANSION MBM29PL64LM90 Datasheet HTML 44Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 69 page
background image
MBM29PL64LM90/10
39
• Write (Erase/Program) Operations
(Continued)
Parameter
Symbol
Value
Unit
90
10
JEDEC Standard
Min
Typ
Max
Min
Typ
Max
Write Cycle Time
tAVAV
tWC
90

100

ns
Address Setup Time
tAVWL
tAS
0

0

ns
Address Setup Time to OE Low During
Toggle Bit Polling
—tASO
15

15

ns
Address Hold Time
tWLAX
tAH
45

45

ns
Address Hold Time from CE or OE High
During Toggle Bit Polling
—tAHT
0

0

ns
Data Setup Time
tDVWH
tDS
35

35

ns
Data Hold Time
tWHDX
tDH
0

0

ns
Output Enable Setup Time
—
tOES
0

0

ns
CE High During Toggle Bit Polling
—
tCEPH
20

20

ns
OE High During Toggle Bit Polling
—
tOEPH
20

20

ns
Read Recover Time Before Write
(OE High to WE Low)
tGHWL
tGHWL
0

0

ns
Read Recover Time Before Write
(OE High to CE Low)
tGHEL
tGHEL
0

0

ns
CE Setup Time
tELWL
tCS
0

0

ns
WE Setup Time
tWLEL
tWS
0

0ns
CE Hold Time
tWHEH
tCH
0

0

ns
WE Hold Time
tEHWH
tWH
0

0

ns
CE Pulse Width
tELEH
tCP
35

35

ns
Write Pulse Width
tWLWH
tWP
35

35

ns
CE Pulse Width High
tEHEL
tCPH
25

25

ns
Write Pulse Width High
tWHWL
tWPH
30

30

ns
Effective Page
Programming Time
(Write Buffer Programming)
Per Word
tWHWH1
tWHWH1
23.5

23.5
µs
Programming Time
Word
100

100
µs
Sector Erase Operation *1
tWHWH2
tWHWH2
1.0

1.0
s
VCC Setup Time
—
tVCS
50

50

µs
Recovery Time From RY/BY
—tPB
0

0

ns
Erase/Program Valid to RY/BY Delay
—
tBUSY

90

90
ns
Rise Time to VID *2
—tVIDR
500

500

ns
Rise Time to VACC *3
—tVACCR
500

500

ns
Voltage Transition Time *2
—tVLHT
4

4

µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com