Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29PL64LM90 Datasheet(PDF) 37 Page - SPANSION

Part # MBM29PL64LM90
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM90 Datasheet(HTML) 37 Page - SPANSION

Back Button MBM29PL64LM90 Datasheet HTML 33Page - SPANSION MBM29PL64LM90 Datasheet HTML 34Page - SPANSION MBM29PL64LM90 Datasheet HTML 35Page - SPANSION MBM29PL64LM90 Datasheet HTML 36Page - SPANSION MBM29PL64LM90 Datasheet HTML 37Page - SPANSION MBM29PL64LM90 Datasheet HTML 38Page - SPANSION MBM29PL64LM90 Datasheet HTML 39Page - SPANSION MBM29PL64LM90 Datasheet HTML 40Page - SPANSION MBM29PL64LM90 Datasheet HTML 41Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
MBM29PL64LM90/10
36
s
s
s
s ELECTRICAL CHARACTERISTICS
1.
DC Characteristics
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Input Leakage Current
ILI
VIN = VSS to VCC,
VCC = VCC Max
WP/ACC pin
–2.0
—
+2.0
µA
Others
–1.0
—
+1.0
Output Leakage Current
ILO
VOUT = VSS to VCC, VCC = VCC Max
–1.0
—
+1.0
µA
A9, OE, RESET Inputs Leakage
Current
ILIT
VCC = VCC Max,
A9, OE, RESET = 12.5 V
——
35
µA
VCC Active Current
(Read ) *1,*2
ICC1
CE = VIL, OE = VIH,
f = 5 MHz
Word
—
15
25
mA
Byte
—
15
25
CE = VIL, OE = VIH,
f = 10 MHz
Word
—
35
50
Byte
—
35
50
VCC Active Current
(Intra-Page Read ) *2
ICC2
CE = VIL, OE = VIH, tPRC = 25 ns,
4-Word
—10
20
mA
VCC Active Current
(Program / Erase) *2,*3
ICC3
CE = VIL, OE = VIH
—50
60
mA
VCC Standby Current *2
ICC4
CE = VCC
±0.3 V,
RESET = VCC
±0.3 V,
OE = VIH, WP/ACC = VCC
±0.3 V
—1
5
µA
VCC Reset Current *2
ICC5
RESET = VCC
±0.3 V,
WP/ACC = VCC
±0.3 V
—1
5
µA
VCC Automatic Sleep Current *4
ICC6
CE = VSS
±0.3 V,
RESET = VCC
±0.3 V,
VIN = VCC
±0.3 V or Vss ±0.3 V,
WP/ACC = VCC
±0.3 V
—1
5
µA
VCC Active Current
(Erase-Suspend-Program) *2
ICC7
CE = VIL, OE = VIH
—50
60
mA
ACC Accelerated Program
Current
IACC
CE = VIL, OE = VIH,
Vcc = Vcc Max,
WP/ACC =VACC
Max
WP/ACC pin
—
—
45
mA
Vcc Pin
—
—
60
Input Low Level
VIL
—
–0.5
—
0.6
V
Input High Level
VIH
—0.7
×VCC
—VCC + 0.3
V
Voltage for WP/ACC Sector
Protection/Unprotection and
Program Acceleration
VACC
VCC = 3.0 V to 3.6 V
11.5
12.0
12.5
V
Voltage for Autoselect, and
Temporary Sector Unprotected
VID
VCC = 3.0 V to 3.6 V
11.5
12.0
12.5
V
Output Low Voltage Level
VOL
IOL = 4.0 mA, VCC = VCC Min
—
—
0.45
V
Output High Voltage Level
VOH
IOH = –2.0 mA, VCC = VCC Min
0.85
×VCC
——
V
Low VCC Lock-Out Voltage
VLKO
—2.3
—
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com