Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBM29PL64LM90 Datasheet(PDF) 17 Page - SPANSION

Part # MBM29PL64LM90
Description  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM90 Datasheet(HTML) 17 Page - SPANSION

Back Button MBM29PL64LM90 Datasheet HTML 13Page - SPANSION MBM29PL64LM90 Datasheet HTML 14Page - SPANSION MBM29PL64LM90 Datasheet HTML 15Page - SPANSION MBM29PL64LM90 Datasheet HTML 16Page - SPANSION MBM29PL64LM90 Datasheet HTML 17Page - SPANSION MBM29PL64LM90 Datasheet HTML 18Page - SPANSION MBM29PL64LM90 Datasheet HTML 19Page - SPANSION MBM29PL64LM90 Datasheet HTML 20Page - SPANSION MBM29PL64LM90 Datasheet HTML 21Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 69 page
background image
MBM29PL64LM90/10
16
(Continued)
Note : The address range is A21 : A-1 if in Byte mode (BYTE = VIL) .
The address range is A21 : A0 if in Word mode (BYTE = VIH) .
Sector
A21 A20 A19 A18 A17 A16 A15
Sector size
(Kbytes/
Kwords)
(
××××8)
Address Range
(
××××16)
Address Range
SA95
1
011111
64/32
5F0000h to 5FFFFFh
2F8000h to 2FFFFFh
SA96
1
100000
64/32
600000h to 60FFFFh
300000h to 307FFFh
SA97
1
100001
64/32
610000h to 61FFFFh
308000h to 30FFFFh
SA98
1
100010
64/32
620000h to 62FFFFh
310000h to 317FFFh
SA99
1
100011
64/32
630000h to 63FFFFh
318000h to 31FFFFh
SA100
1100100
64/32
640000h to 64FFFFh
320000h to 327FFFh
SA101
1100101
64/32
650000h to 65FFFFh
328000h to 32FFFFh
SA102
1100110
64/32
660000h to 66FFFFh
330000h to 337FFFh
SA103
1100111
64/32
670000h to 67FFFFh
338000h to 33FFFFh
SA104
1101000
64/32
680000h to 68FFFFh
340000h to 347FFFh
SA105
1101001
64/32
690000h to 69FFFFh
348000h to 34FFFFh
SA106
1101010
64/32
6A0000h to 6AFFFFh
350000h to 357FFFh
SA107
1101011
64/32
6B0000h to 6BFFFFh
358000h to 35FFFFh
SA108
1101100
64/32
6C0000h to 6CFFFFh
360000h to 367FFFh
SA109
1101101
64/32
6D0000h to 6DFFFFh
368000h to 36FFFFh
SA110
1101110
64/32
6E0000h to 6EFFFFh
370000h to 377FFFh
SA111
1101111
64/32
6F0000h to 6FFFFFh
378000h to 37FFFFh
SA112
1110000
64/32
700000h to 70FFFFh
380000h to 387FFFh
SA113
1110001
64/32
710000h to 71FFFFh
388000h to 38FFFFh
SA114
1110010
64/32
720000h to 72FFFFh
390000h to 397FFFh
SA115
1110011
64/32
730000h to 73FFFFh
398000h to 39FFFFh
SA116
1110100
64/32
740000h to 74FFFFh
3A0000h to 3A7FFFh
SA117
1110101
64/32
750000h to 75FFFFh
3A8000h to 3AFFFFh
SA118
1110110
64/32
760000h to 76FFFFh
3B0000h to 3B7FFFh
SA119
1110111
64/32
770000h to 77FFFFh
3B8000h to 3BFFFFh
SA120
1111000
64/32
780000h to 78FFFFh
3C0000h to 3C7FFFh
SA121
1111001
64/32
790000h to 79FFFFh
3C8000h to 3CFFFFh
SA122
1111010
64/32
7A0000h to 7AFFFFh
3D0000h to 3D7FFFh
SA123
1111011
64/32
7B0000h to 7BFFFFh
3D8000h to 3DFFFFh
SA124
1111100
64/32
7C0000h to 7CFFFFh
3E0000h to 3E7FFFh
SA125
1111101
64/32
7D0000h to 7DFFFFh
3E8000h to 3EFFFFh
SA126
1111110
64/32
7E0000h to 7EFFFFh
3F0000h to 3F7FFFh
SA127
1111111
64/32
7F0000h to 7FFFFFh
3F8000h to 3FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com