Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USB-2-RTMI Datasheet(PDF) 79 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # USB-2-RTMI
Description  Encoder Engine: Hall analog/digital, Encoder analog/digital
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

USB-2-RTMI Datasheet(HTML) 79 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button USB-2-RTMI Datasheet HTML 75Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 76Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 77Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 78Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 79Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 80Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 81Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 82Page - TRINAMIC Motion Control GmbH & Co. KG. USB-2-RTMI Datasheet HTML 83Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 157 page
background image
TMC4671 Datasheet • IC Version V1.00 | Document Revision V1.04 • 2018-Dec-11
79 / 157
Address
Registername
Access
0xFFFF0000
h
ABN_DECODER_PHI_E_OFFSET
Signed
Min
Max
Default
Unit
-32768
32767
0
ABN_DECODER_PHI_E_OFFSET to shift (rotate) angle DE-
CODER_PHI_E.
0x2A
h
ABN_DECODER_PHI_E_PHI_M
R
Mask
Name
Type
0x0000FFFF
h
ABN_DECODER_PHI_M
Signed
Min
Max
Default
Unit
-32768
32767
0
ABN_DECODER_PHI_M = ABN_DECODER_COUNT * 2ˆ
16 /
ABN_DECODER_PPR + ABN_DECODER_PHI_M_OFFSET;
Mask
Name
Type
0xFFFF0000
h
ABN_DECODER_PHI_E
Signed
Min
Max
Default
Unit
-32768
32767
0
ABN_DECODER_PHI_E
=
(ABN_DECODER_PHI_M
*
N_POLE_PAIRS_) + ABN_DECODER_PHI_E_OFFSET
0x2C
h
ABN_2_DECODER_MODE
RW
Mask
Name
Type
0x00000001
h
apol
Bool
Min
Max
Default
Unit
0
1
0
Polarity of A pulse.
0: off
1: on
Mask
Name
Type
0x00000002
h
bpol
Bool
Min
Max
Default
Unit
0
1
0
Polarity of B pulse.
0: off
1: on
Mask
Name
Type
0x00000004
h
npol
Bool
Min
Max
Default
Unit
©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany
Terms of delivery and rights to technical change reserved.
Download newest version at www.trinamic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com