| Electronic Components Datasheet Search |
|
USB-2-RTMI Datasheet(PDF) 10 Page - TRINAMIC Motion Control GmbH & Co. KG. |
|
|
|||||||||||||||||||||||||||||
USB-2-RTMI Datasheet(HTML) 10 Page - TRINAMIC Motion Control GmbH & Co. KG. |
|
10 / 157 page ![]() TMC4671 Datasheet • IC Version V1.00 | Document Revision V1.04 • 2018-Dec-11 10 / 157 3.5.1 Coordinate Transformations - Clarke, Park, iClarke, iPark The FOC requires different coordinate transformations formulated as a set of matrix multiplications. These are the Clarke Transformation (Clarke), the Park Transformation (Park), the inverse Park Transforma- tion (iPark) and the inverse Clarke Transformation (iClarke). Some put Park and Clarke together as DQ transformation and Park and Clarke as inverse DQ transformation. The TMC4671 takes care of the required transformations so the user no longer has to ght with implemen- tation details of these transformations. 3.5.2 Measurement of Stator Coil Currents The measurement of the stator coil currents is required for the FOC to calculate a magnetic axis out of the stator eld caused by the currents owing through the stator coils. Coil current stands for motor torque in context of FOC. This is because motor torque is proportional to motor current, de ned by the torque constant of a motor. In addition, the torque depends on the orientation of the rotor of the motor relative to the magnetic eld produced by the current through the coils of the stator of the motor. 3.5.3 Stator Coil Currents I_U, I_V, I_W and Association to Terminal Voltages U_U, U_V, U_W The correct association between stator terminal voltages U_U, U_V, U_W and stator coil currents I_U, I_V, I_W is essential for the FOC. In addition to the association, the signs of each current channel need to t. Signs of the current can be adapted numerically by the ADC scaler. The mapping of ADC channels is programmable via con guration registers for the ADC selector. Initial setup is supported by the integrated open loop encoder block, that can support the user to turn a motor open loop. 3.5.3.1 Chain of Gains for ADC Raw Values An ADC raw value is a result of a chain of gains that determine it. A coil current I_SENSE owing through a sense resistor causes a voltage difference according to Ohm’s law. The resulting ADC raw value is a result of the analog signal path according to ADC_RAW = (I_SENSE ∗ ADC_GAIN) + ADC_OFFSET. (1) The ADC_GAIN is a result of a chain of gains with individual signs. The sign of the ADC_GAIN is positive or negative, depending on the association of connections between sense ampli er inputs and the sense resistor terminals. The ADC_OFFSET is the result of electrical offsets of the phase current measurement signal path. For the TMC4671, the maximum ADC_RAW value ADC_RAW_MAX = (216 − 1) and the minimum ADC raw value is ADC_RAW_MIN = 0. ADC_GAIN = ( I_SENSE_MAX ∗ R_SENSE ) ∗ SENSE_AMPLIFIER_GAIN ∗ ( ADC_RAW_MAX/ADC_U_MAX ) (2) For the FOC, the ADC_RAW is scaled by the ADC scaler of the TMC4671 together with subtraction of offset to compensate it. Internally, the TMC4671 FOC engine calculates with s16 values. Thus, the ADC scaling needs to be chosen so that the measured currents t into the s16 range. With the ADC scaler, the user can choose a scaling with physical units like [mA]. ©2018 TRINAMIC Motion Control GmbH & Co. KG, Hamburg, Germany Terms of delivery and rights to technical change reserved. Download newest version at www.trinamic.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |