Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W008EB90N6F Datasheet(PDF) 17 Page - STMicroelectronics

Part # M29W008EB90N6F
Description  8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W008EB90N6F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M29W008EB90N6F Datasheet HTML 13Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 14Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 15Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 16Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 17Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 18Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 19Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 20Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
M29W008ET, M29W008EB
4 Command interface
17/43
Endurance Cycles). Once the Program/Erase Controller has stopped the memory will be set to
Read mode and the Erase will be suspended. If the Erase Suspend command is issued during
the period when the memory is waiting for an additional block (before the Program/Erase
Controller starts) then the Erase is suspended immediately and will start immediately when the
Erase Resume Command is issued. It is not possible to select any further blocks to erase after
the Erase Resume.
During Erase Suspend it is possible to Read and Program cells in blocks that are not being
erased; both Read and Program operations behave as normal on these blocks. If any attempt
is made to program in a protected block or in the suspended block then the Program command
is ignored and the data remains unchanged. The Status Register is not read and no error
condition is given. Reading from blocks that are being erased will output the Status Register.
It is also possible to issue the Auto Select, during an Erase Suspend. The Read/Reset
command must be issued to return the device to Read Array mode before the Resume
command will be accepted.
4.10
Erase Resume Command
The Erase Resume command must be used to restart the Program/Erase Controller from
Erase Suspend. An erase can be suspended and resumed more than once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com