Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W008EB90N6F Datasheet(PDF) 34 Page - STMicroelectronics

Part # M29W008EB90N6F
Description  8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W008EB90N6F Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M29W008EB90N6F Datasheet HTML 30Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 31Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 32Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 33Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 34Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 35Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 36Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 37Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
9 Part numbering
M29W008ET, M29W008EB
34/43
Appendix A Block address table
Table 16.
Top Boot Block Addresses, M29W008ET
Table 17.
Bottom Boot Block Addresses, M29W008EB
#
Size
(Kbytes)
Address Range
(x8)
18
16
FC000h-FFFFFh
17
8
FA000h-FBFFFh
16
8
F8000h-F9FFFh
15
32
F0000h-F7FFFh
14
64
E0000h-EFFFFh
13
64
D0000h-DFFFFh
12
64
C0000h-CFFFFh
11
64
B0000h-BFFFFh
10
64
A0000h-AFFFFh
9
64
90000h-9FFFFh
8
64
80000h-8FFFFh
7
64
70000h-7FFFFh
6
64
60000h-6FFFFh
5
64
50000h-5FFFFh
4
64
40000h-4FFFFh
3
64
30000h-3FFFFh
2
64
20000h-2FFFFh
1
64
10000h-1FFFFh
0
64
00000h-0FFFFh
#
Size
(Kbytes)
Address Range
(x8)
18
64
F0000h-FFFFFh
17
64
E0000h-EFFFFh
16
64
D0000h-DFFFFh
15
64
C0000h-CFFFFh
14
64
B0000h-BFFFFh
13
64
A0000h-AFFFFh
12
64
90000h-9FFFFh
11
64
80000h-8FFFFh
10
64
70000h-7FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com