Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W008EB90N6F Datasheet(PDF) 26 Page - STMicroelectronics

Part # M29W008EB90N6F
Description  8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W008EB90N6F Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M29W008EB90N6F Datasheet HTML 22Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 23Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 24Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 25Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 26Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 27Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 28Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 29Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
7 DC and AC characteristics
M29W008ET, M29W008EB
26/43
Figure 9.
AC Testing Load Circuit
Table 8.
Device Capacitance
Note:
Sampled only, not 100% tested.
Table 9.
DC Characteristics
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ V
IN ≤ VCC
±1
µ
A
ILO
Output Leakage Current
0V
≤ V
OUT ≤ VCC
±1
µA
ICC1
Supply Current (Read)
E = VIL, G = VIH, f = 6MHz
10
mA
ICC2
Supply Current (Standby)
E = VCC ±0.2V
RP = VCC ±0.2V
100
µA
ICC3
(1)
Supply Current
(Program or Erase)
Program,/ Erase Controller
active
20
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
0.7 VCC
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 1.8mA
0.45
V
VOH
Output High Voltage CMOS
IOH = –100µA
VCC –0.4V
V
VID
A9 Voltage (Electronic Signature)
11.5
12.5
V
IID
A9 Current (Electronic Signature)
A9 = VID
100
µA
VLKO
(1)
1.
Sampled only, not 100% tested.
Supply Voltage (Erase and Program
lock-out)
1.8
2.3
V
AI09445
0.8V
OUT
CL
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com