Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M29W008EB90N6F Datasheet(PDF) 27 Page - STMicroelectronics

Part # M29W008EB90N6F
Description  8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W008EB90N6F Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M29W008EB90N6F Datasheet HTML 23Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 24Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 25Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 26Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 27Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 28Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 29Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 30Page - STMicroelectronics M29W008EB90N6F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
M29W008ET, M29W008EB
7 DC and AC characteristics
27/43
Figure 10. Read Mode AC Waveforms
Table 10.
Read AC Characteristics
Symbol
Alt
Parameter
Test Condition
M29W008E
Unit
70
90
tAVAV
(1)
1.
Address are latched on the falling edge of W, Data is latched on the rising edge of W.
tRC
Address Valid to Next Address Valid
E = VIL,
G = VIL
Min
70
90
ns
tAVQV
(1)
tACC
Address Valid to Output Valid
E = VIL,
G = VIL
Max
70
90
ns
tELQX
(2)
2.
Sampled only, not 100% tested.
tLZ
Chip Enable Low to Output Transition
G = VIL
Min
0
0
ns
tELQV
(1)
tCE
Chip Enable Low to Output Valid
G = VIL
Max
70
90
ns
tGLQX
(2)
tOLZ
Output Enable Low to Output Transition
E = VIL
Min
0
0
ns
tGLQV
(1)
tOE
Output Enable Low to Output Valid
E = VIL
Max
30
35
ns
tEHQZ
(2)
tHZ
Chip Enable High to Output Hi-Z
G = VIL
Max
25
30
ns
tGHQZ
(2)
tDF
Output Enable High to Output Hi-Z
E = VIL
Max
25
30
ns
tEHQX
tGHQX
tAXQX
tOH
Chip Enable, Output Enable or Address
Transition to Output Transition
Min
0
0
ns
AI09446
tAVAV
tAVQV
tAXQX
tELQX
tEHQZ
tGLQV
tGLQX
tGHQX
VALID
A0-A19
G
DQ0-DQ7
E
tELQV
tEHQX
tGHQZ
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com