Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8-SW-NMON Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-SW-NMON
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-SW-NMON Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button COP8-SW-NMON Datasheet HTML 14Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 15Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 16Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 17Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 18Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 19Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 20Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 21Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 83 page
background image
10.0 Functional Description (Continued)
10.4.1 Virtual EEPROM
The Flash memory and the User ISP functions (see Section
5.7), provide the user with the capability to use the flash
program memory to back up user defined sections of RAM.
This effectively provides the user with the same nonvolatile
data storage as EEPROM. Management, and even the
amount of memory used, are the responsibility of the user,
however the flash memory read and write functions have
been provided in the boot ROM.
One typical method of using the Virtual EEPROM feature
would be for the user to copy the data to RAM during system
initialization, periodically, and if necessary, erase the page of
Flash and copy the contents of the RAM back to the Flash.
10.5 OPTION REGISTER
The Option register, located at address 0x1FFF in the Flash
Program Memory, is used to configure the user selectable
security, WATCHDOG, and HALT options. The register can
be programmed only in external Flash Memory programming
or ISP Programming modes. Therefore, the register must be
programmed at the same time as the program memory. The
contents of the Option register shipped from the factory read
00 Hex.
The format of the Option register is as follows:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reserved
SECURITY
Reserved
WATCH
DOG
HALT
FLEX
Bits 7, 6 These bits are reserved and must be 0.
Bit 5
= 1
Security enabled. Flash Memory read and write
are not allowed except in User ISP/Virtual E
2 com-
mands. Mass Erase is allowed.
= 0
Security disabled. Flash Memory read and write
are allowed.
Bits 4, 3 These bits are reserved and must be 0.
Bit 2
= 1
WATCHDOG feature disabled. G1 is a general
purpose I/O.
= 0
WATCHDOG
feature
enabled.
G1
pin
is
WATCHDOG output with weak pullup.
Bit 1
= 1
HALT mode disabled.
= 0
HALT mode enabled.
Bit 0
= 1
Execution following RESET will be from Flash
Memory.
= 0
Flash Memory is erased. Execution following RE-
SET will be from Boot ROM with the MICROWIRE/
PLUS ISP routines.
The COP8 assembler defines a special ROM section type,
CONF, into which the Option Register data may be coded.
The Option Register is programmed automatically by pro-
grammers that are certified by National.
The user needs to ensure that the FLEX bit will be set when
the device is programmed.
The following examples illustrate the declaration of the Op-
tion Register.
Syntax:
[label:].sect
config, conf
.db
value
;1 byte,
;configures
20006361
FIGURE 6. RAM Organization
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com