Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8-SW-NMON Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-SW-NMON
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-SW-NMON Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button COP8-SW-NMON Datasheet HTML 22Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 23Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 24Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 25Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 26Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 27Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 28Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 29Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 83 page
background image
11.0 In-System Programming
(Continued)
TABLE 9. KEY Register Write Format
KEY When Writing
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
10
0
1
1
0
X
X
Bits 7–2: Key value that must be written to set the KEY bit.
Bits 1–0: Don’t care.
11.5 FORCED EXECUTION FROM BOOT ROM
When the user is developing a customized ISP routine, code
lockups due to software errors may be encountered. The
normal, and preferred, method to recover from these condi-
tions is to reprogram the device with the corrected code by
either an external parallel programmer or the emulation
tools. As a last resort, when this equipment is not available,
there is a hardware method to get out of these lockups and
force execution from the Boot ROM MICROWIRE/PLUS
routine. The customer will then be able to erase the Flash
Memory code and start over.
The method to force this condition is to drive the G6 pin to
high voltage (2 x V
CC) and activate Reset. The high voltage
condition on G6 must not be applied before V
CC is valid and
stable, and must be held for at least 3 instruction cycles
longer than Reset is active. This special condition will by-
pass checking the state of the Flex bit in the Option Register
and will start execution from location 0000 in the Boot ROM.
In this state, the user can input the appropriate commands,
using MICROWIRE/PLUS, to erase the flash program
memory and reprogram it. If the device is subsequently reset
before the Flex bit has been erased by specific Page Erase
or Mass Erase ISP commands, execution will start from
location 0000 in the Flash program memory. The high volt-
age (2 x V
CC) on G6 will not erase either the Flex or the
Security bit in the Option Register. The Security bit, if set,
can only be erased by a Mass Erase of the entire contents of
the Flash Memory unless under the control of User ISP
routines in the Application Program.
While the G6 pin is at high voltage, the Load Clock will be
output onto G5, which will look like an SK clock to the
MICROWIRE/PLUS routine executing in slave mode. How-
ever, when G6 is at high voltage, the G6 input will also look
like a logic 1. The MICROWIRE/PLUS routine in Boot ROM
monitors the G6 input, waits for it to go low, debounces it,
and then enables the ISP routine. CAUTION: The Load clock
on G5 could be in conflict with the user’s external SK. It is up
to the user to resolve this conflict, as this condition is con-
sidered a minor issue that’s only encountered during soft-
ware development. The user should also be cautious of
the high voltage applied to the G6 pin. This high voltage
could damage other circuitry connected to the G6 pin
(e.g. the parallel port of a PC). The user may wish to
disconnect other circuitry while G6 is connected to the high
voltage.
V
CC must be valid and stable before high voltage is applied
to G6.
The correct sequence to be used to force execution from
Boot ROM is :
1.
Disconnect G6 from the source of data for MICROWIRE/
PLUS ISP.
2.
Apply V
CC to the device.
3.
Pull RESET Low.
4.
After V
CC is valid and stable, connect a voltage between
2xV
CC and VCC+7V to the G6 pin. Ensure that the rise
time of the high voltage on G6 is slower than the mini-
mum in the Electrical Specifications.Figure 13 shows a
possible circuit dliagram for implementing the2xV
CC.
Be aware of the typical input current on the G6 pin when
the high voltage is applied. The resistor used in the RC
network, and the high voltage used, should be chosen to
keep the high voltage at the G6 pin between2xV
CC and
V
CC+7V.
5.
Pull RESET High.
6.
After a delay of at least three instruction cycles, remove
the high voltage from G6.
11.6 RETURN TO FLASH MEMORY WITHOUT
HARDWARE RESET
After programming the entire program memory, including
options, it is necessary to exit the Boot ROM and return to
the flash program memory for program execution. Upon
receipt and completion of the EXIT command through the
MICROWIRE/PLUS ISP, the ISP code will reset the part and
begin execution from the flash program memory as de-
scribed in the Reset section. This assumes that the FLEX bit
in the Option register was programmed to 1.
11.7 MICROWIRE/PLUS ISP
National Semiconductor provides a program, which is avail-
able from our web site at www.national.com/cop8, that is
capable of programming a device from the parallel port of a
PC. The software accepts manually input commands and is
capable of downloading standard Intel HEX Format files.
Users who wish to write their own MICROWIRE/PLUS ISP
host software should refer to the COP8 FLASH ISP User
Manual, available from the same web site. This document
includes details of command format and delays necessary
between command bytes.
The MICROWIRE/PLUS ISP supports the following features
and commands:
•
Write a value to the ISP Write Timing Register. NOTE:
This
must
be
the
first
command
after
entering
MICROWIRE/PLUS ISP mode.
•
Erase the entire flash program memory (mass erase).
•
Erase a page at a specified address.
•
Read Option register.
•
Read a byte from a specified address.
•
Write a byte to a specified address.
•
Read multiple bytes starting at a specified address.
•
Write multiple bytes starting at a specified address.
•
Exit ISP and return execution to flash program memory.
20006366
FIGURE 13. Circuit Diagram for Implementing the 2 x
V
CC
www.national.com
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com