Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8-SW-NMON Datasheet(PDF) 36 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-SW-NMON
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-SW-NMON Datasheet(HTML) 36 Page - National Semiconductor (TI)

Back Button COP8-SW-NMON Datasheet HTML 32Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 33Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 34Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 35Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 36Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 37Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 38Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 39Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 40Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 83 page
background image
13.0 Power Saving Features
Today, the proliferation of battery-operated applications has
placed new demands on designers to drive power consump-
tion down. Battery operated systems are not the only type of
applications demanding low power. The power budget con-
straints are also imposed on those consumer/industrial ap-
plications where well regulated and expensive power supply
costs cannot be tolerated. Such applications rely on low cost
and low power supply voltage derived directly from the
“mains” by using voltage rectifier and passive components.
Low power is demanded even in automotive applications,
due to increased vehicle electronics content. This is required
to ease the burden from the car battery. Low power 8-bit
microcontrollers supply the smarts to control battery-
operated, consumer/industrial, and automotive applications.
The device offers system designers a variety of low-power
consumption features that enable them to meet the demand-
ing requirements of today’s increasing range of low-power
applications. These features include low voltage operation,
low current drain, and power saving features such as HALT,
IDLE, and Multi-Input Wake-Up (MIWU).
This device supports three operating modes, each of which
have two power save modes of operation. The three operat-
ing modes are: High Speed, Dual Clock, and Low Speed.
Within each operating mode, the two power save modes are:
HALT and IDLE. In the HALT mode of operation, all micro-
controller activities are stopped and power consumption is
reduced to a very low level. In this device, the HALT mode is
enabled and disabled by a bit in the Option register. The
IDLE mode is similar to the HALT mode, except that certain
sections of the device continue to operate, such as: the
on-board oscillator, the IDLE Timer (Timer T0), and the Clock
Monitor. This allows real time to be maintained. During
power save modes of operation, all on board RAM, registers,
I/O states and timers (with the exception of T0) are unal-
tered.
Two oscillators are used to support the three different oper-
ating modes. The high speed oscillator refers to the oscillator
connected to CKI and the low speed oscillator refers to the
32 kHz oscillator connected to pins L0 & L1. When using L0
and L1 for the low speed oscillator, the user must ensure that
the L0 and L1 pins are configured for hi-Z input, L1 is not
using CKX on the USART, and Multi-Input Wake-up for these
pins is disabled.
A diagram of the three modes is shown in Figure 18.
13.1 POWER SAVE MODE CONTROL REGISTER
The ITMR control register allows for navigation between the
three different modes of operation. It is also used for the Idle
Timer. The register bit assignments are shown below. This
register is cleared to 40 (hex) by Reset as shown below.
LSON
HSON
DCEN
CCK
SEL
RSVD
ITSEL2
ITSEL1
ITSEL0
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
LSON:
This bit is used to turn-on the low-speed oscilla-
tor. When LSON = 0, the low speed oscillator is
off. When LSON = 1, the low speed oscillator is
on. There is a startup time associated with this
oscillator. See the Oscillator Circuits section.
HSON:
This bit is used to turn-on the high speed oscil-
lator. When HSON = 0, the high speed oscillator
is off. When HSON = 1, the high speed oscillator
is on. There is a startup time associated with this
oscillator. See the startup time table in the Os-
cillator Circuits section.
DCEN:
This bit selects the clock source for the Idle
Timer. If this bit = 0, then the high speed clock is
the clock source for the Idle Timer. If this bit = 1,
then the low speed clock is the clock source for
the Idle Timer. The low speed oscillator must be
started and stabilized before setting this bit to a
1.
CCKSEL: This bit selects whether the high speed clock or
low speed clock is gated to the microcontroller
core. When this bit = 0, the Core clock will be the
20006322
FIGURE 18. Diagram of Power Save Modes
www.national.com
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com