Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

COP8-SW-NMON Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8-SW-NMON
Description  8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEROM, Temperature Sensor,10-Bit A/D and Brownout Reset
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8-SW-NMON Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button COP8-SW-NMON Datasheet HTML 52Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 53Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 54Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 55Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 56Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 57Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 58Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 59Page - National Semiconductor (TI) COP8-SW-NMON Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 83 page
background image
17.0 Stand-Alone Amplifier
A stand-alone Amplifier, AMP1, is provided on Port B. It
supports rail-to-rail inputs and outputs, and operates over
the entire V
CC and temperature range. This amplifier is in
addition to the programmable gain amplifier in the A/D Con-
verter. It is an alternate function on Port B.
It is enabled/disabled by the ENAMP1 bit in the ADGAIN
register described in the A/D Converter section. The normal
port B3–B5 pins should be configured in their high Z state
when using AMP1. It is disabled after Reset. The circuit will
only draw current when it’s enabled. When disabled, the
current drawn is extremely low.
When using the HALT mode of the device, AMP1 will draw
current unless it is disabled by software. Therefore, for mini-
mal current in HALT mode, AMP1 should be disabled prior to
entering HALT.
The electrical parameters of AMP1 are shown in the Electri-
cal Characteristics section.
17.1 BLOCK DIAGRAM
20006359
FIGURE 30. Amplifier1 Block Diagram
www.national.com
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com