Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MA650.ST.AB.002.dz Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # MA650.ST.AB.002.dz
Description  Spartan ST Antenna 2in1 MA650 Low Profile Screw-Mount
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA650.ST.AB.002.dz Datasheet(HTML) 3 Page - Taoglas antenna solutions

  MA650.ST.AB.002.dz Datasheet HTML 1Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 2Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 3Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 4Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 5Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 6Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 7Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 8Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SPE-15-8-043/A/WY Page 3 of 20
2. Specification Table
3G/2G Antenna
Frequency (MHz)
824~894
880~960
1710~1880
1850~1990
1920~2170
Peak Gain (dBi)
30cm
0.65
0.16
4.05
4.05
3.64
1m
2.64
1.97
3.46
3.97
3.46
2m
1.60
1.24
3.32
3.26
2.73
3m
2.17
1.34
2.87
3.01
2.56
5m
-0.82
-1.34
1.57
2.22
1.72
Average Gain (dBi)
30cm
-4.76
-5.43
-3.48
-2.45
-4.10
1m
-4.26
-5.78
-3.79
-2.86
-4.23
2m
-4.46
-6.35
-4.12
-3.38
-5.32
3m
-4.80
-5.97
-4.91
-3.61
-5.08
5m
-5.61
-6.56
-6.35
-4.34
-5.81
Efficiency (%)
30cm
33.89
29.95
47.05
57.47
40.88
1m
38.06
27.70
43.75
52.18
38.82
2m
36.11
24.40
40.27
46.10
31.16
3m
33.56
23.25
34.56
43.83
32.12
5m
27.96
23.10
25.00
36.89
27.06
Return loss (dB)
< -5
Polarization
Linear
Impedance
50Ω
Cable
0.3m NFC200 standard, fully customizable
Connector
FAKRA, standard, fully customizable
Maximum Input Power
5W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com