Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MA650.ST.AB.002.dz Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # MA650.ST.AB.002.dz
Description  Spartan ST Antenna 2in1 MA650 Low Profile Screw-Mount
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA650.ST.AB.002.dz Datasheet(HTML) 4 Page - Taoglas antenna solutions

  MA650.ST.AB.002.dz Datasheet HTML 1Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 2Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 3Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 4Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 5Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 6Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 7Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 8Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SPE-15-8-043/A/WY Page 4 of 20
GPS-GLONASS-GALILEO
Center Frequency
GPS/GALILEO:1575.42±3 MHz
GLONASS:1602±0.5 MHz
Gain
3 ±1 dBic typ.
VSWR
1.5:1 Max
Impedance
50Ω
Cable
0.3m RG174 standard, fully customizable
Connector
FAKRA Connector, fully customizable
LNA Electrical Properties
Center Frequency
GPS/GALILEO:1575.42±3 MHz
GLONASS:1602±0.5 MHz
Impedance
50 Ohm
VSWR
< 1.5:1
Return Loss
10 dB Min.
Gain
32 dB Min. @ 5.0V
28 dB Min. @ 3.3V
21 dB Min. @ 1.8V
DC Power Input
1.8V~5.0V
Noise Figure @3.3V
1.6dB
Power Consumption
10mA @ 3.3V
MECHANICAL
Antenna Dimensions
147.5*145.6*35.6mm
Casing
Wonderloy PC-540 PC/ABS Alloy
Waterproof
IP69K and IP67
Thread
M20*1.5P
Weight
570g
Recommended Assembly Torque
29.4 N∙m
Maximum Assembly Torque
39.2 N∙m
ENVIRONMENTAL
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to 90°C
Humidity
Non-condensing 65°C 95% RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com