Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MA650.ST.AB.002.dz Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # MA650.ST.AB.002.dz
Description  Spartan ST Antenna 2in1 MA650 Low Profile Screw-Mount
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA650.ST.AB.002.dz Datasheet(HTML) 1 Page - Taoglas antenna solutions

  MA650.ST.AB.002.dz Datasheet HTML 1Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 2Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 3Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 4Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 5Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 6Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 7Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 8Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
SPE-15-8-043/A/WY Page 1 of 20
SPECIFICATION
Part No. :
MA650.ST.AB.002.dz
Product Name :
Spartan ST Antenna 2in1 MA650
Low Profile Screw-Mount (Permanent Mount)
3G/2G/GPS-GLONASS-GALILEO combination
antenna
Feature :
●
1 x 3G/1G Antenna (824~960MHz,
1710~2170MHz)
0.3m NFC200 Coaxial Cable
Fakra Jack Connector Code D Violet
●
1 x GPS/GLONASS/GALILEO 1575.42/1602MHz
Antenna
0.3m RG174 Coaxial Cable
Fakra Jack Connector Code C Blue
IP69K and IP67 Waterproof
High Efficiency / Peak Gain Outdoor Antenna
Advanced RF Design and Materials
Heavy Duty – Integrated Metal Base/ Ground-plane
Dims: 147.5mm: Height 35.6mm
Custom cables and connectors available
RoHS Compliant


Similar Part No. - MA650.ST.AB.002.dz

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA650.ST.AB.002.DZ TAOGLAS-MA650.ST.AB.002.DZ Datasheet
1Mb / 21P
Advanced RF Design and Materials
More results

Similar Description - MA650.ST.AB.002.dz

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MA603AABK001 ETC2-MA603AABK001 Datasheet
1Mb / 19P
Spartan Antenna 3in1 MA603 Low Profile Screw-Mount
MA650AAB002 ETC2-MA650AAB002 Datasheet
1Mb / 16P
Spartan Antenna 2in1 MA.650 with 10M cable length Low Profile Screw-Mount
MA671 ETC2-MA671 Datasheet
909Kb / 18P
Spartan Antenna 3in1 MA.671 Low Profile Screw-Mount
MA672 ETC2-MA672 Datasheet
893Kb / 15P
Spartan Antenna 3in1 MA672 Low Profile Screw-Mount
logo
Taoglas antenna solutio...
MA650AAB002 TAOGLAS-MA650AAB002 Datasheet
1Mb / 18P
Spartan Antenna 2in1 MA.650 with 10M cable length Low Profile Screw-Mount
MA650STAB002 TAOGLAS-MA650STAB002 Datasheet
1Mb / 20P
Spartan ST Antenna 2in1 MA650
MA650STAB003 TAOGLAS-MA650STAB003 Datasheet
1Mb / 19P
Spartan ST Antenna 2in1 MA650 Low Profile Screw Mount (Permanent Mount)
MA603.A.ABK.001 TAOGLAS-MA603.A.ABK.001_17 Datasheet
1Mb / 20P
Spartan Antenna 3in1 MA603 Low Profile Screw-mount
MA650.A.AB.002 TAOGLAS-MA650.A.AB.002_17 Datasheet
1Mb / 18P
Spartan Antenna 2in1 MA650 with 10M cable lenght
MA650.ST.AB.003.DZ TAOGLAS-MA650.ST.AB.003.DZ_17 Datasheet
1Mb / 19P
Spartan ST Antenna 2in1 MA650 Low Profile Screw-Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com