Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MA650.ST.AB.002.dz Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # MA650.ST.AB.002.dz
Description  Spartan ST Antenna 2in1 MA650 Low Profile Screw-Mount
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA650.ST.AB.002.dz Datasheet(HTML) 2 Page - Taoglas antenna solutions

  MA650.ST.AB.002.dz Datasheet HTML 1Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 2Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 3Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 4Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 5Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 6Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 7Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 8Page - Taoglas antenna solutions MA650.ST.AB.002.dz Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
SPE-15-8-043/A/WY Page 2 of 20
1. Introduction
The Spartan MA650.ST antenna is an omni-directional, heavy-duty, fully IP69K and IP67
waterproof external M2M antenna for use in telematics, transportation, and remote
monitoring applications.
This
unique
antenna
delivers
powerful
3G/2G
antenna
technology
and
GPS/GLONASS/GALILEO for next generation high bandwidth telematics navigation systems.
We have packed 2 high efficiency and gain antennas in an extremely robust IP69K direct
mount antenna package. The antenna has its own ground-plane and can radiate on any
mounting environment like metal or plastic without affecting performance. The cables are
low loss allowing for lengths of up to 5 meters (16 ‘ and 4.85 “), critical for buses, trains,
and other commercial transport applications.
For industries such as commercial vehicle telematics, remote monitoring, smart meter
systems, construction equipment, at only 40mm high, the Spartan provides an unobtrusive,
robust, rugged antenna that is durable even in extreme environments. This model is specific
designed for automotive market with Fakra Jack generation II connectors which provide
high connector reliability in vibrant usage application.
Customized cable length and connector versions are available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com