Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFPIC12C509AF Datasheet(PDF) 37 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 37 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 33Page - Microchip Technology RFPIC12C509AF Datasheet HTML 34Page - Microchip Technology RFPIC12C509AF Datasheet HTML 35Page - Microchip Technology RFPIC12C509AF Datasheet HTML 36Page - Microchip Technology RFPIC12C509AF Datasheet HTML 37Page - Microchip Technology RFPIC12C509AF Datasheet HTML 38Page - Microchip Technology RFPIC12C509AF Datasheet HTML 39Page - Microchip Technology RFPIC12C509AF Datasheet HTML 40Page - Microchip Technology RFPIC12C509AF Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 104 page
background image
© 2001 Microchip Technology Inc.
Preliminary
DS70031A-page 35
rfPIC12C509AG/509AF
7.3.1
CRYSTAL OSCILLATOR ASK
OPERATION
The rfPIC12C509AG or 509AF crystal oscillator can be
configured for ASK operation. Figure 7-2 shows an
example ASK circuit.
Capacitor C1 trims the crystal load capacitance to the
circuit load capacitance and places the crystal on the
desired frequency.
FIGURE 7-2:
EXAMPLE ASK EXTERNAL
CRYSTAL CIRCUIT
TABLE 7-2:
XTAL OSC APPROXIMATE FREQ. VS. CAPACITANCE (ASK MODE) (1)
XTAL
rfPIC12C509AG/
509AF
X1
C1
C1
Predicted Frequency
(MHz)
PPM from 13.55 MHz
Transmit Frequency (MHz) (32 *
fXTAL)
22 pF
13.551438
+106
433.646
39 pF
13.550563
+42
433.618
100 pF
13.549844
-12
433.595
150 pF
13.549672
-24
433.5895
470 pF
13.549548
-33
433.5856
1000 pF
13.549344
-48
433.579
Note 1: Standard Operating Conditions (unless otherwise stated) TA = 25°C, RFEN =1, VDDRF =3V,
fXTAL = 13.55 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com