Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFPIC12C509AF Datasheet(PDF) 18 Page - Microchip Technology

Part # RFPIC12C509AF
Description  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AF Datasheet(HTML) 18 Page - Microchip Technology

Back Button RFPIC12C509AF Datasheet HTML 14Page - Microchip Technology RFPIC12C509AF Datasheet HTML 15Page - Microchip Technology RFPIC12C509AF Datasheet HTML 16Page - Microchip Technology RFPIC12C509AF Datasheet HTML 17Page - Microchip Technology RFPIC12C509AF Datasheet HTML 18Page - Microchip Technology RFPIC12C509AF Datasheet HTML 19Page - Microchip Technology RFPIC12C509AF Datasheet HTML 20Page - Microchip Technology RFPIC12C509AF Datasheet HTML 21Page - Microchip Technology RFPIC12C509AF Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 104 page
background image
rfPIC12C509AG/509AF
DS70031A-page 16
Preliminary
© 2001 Microchip Technology Inc.
4.2
Data Memory Organization
Data memory is composed of registers, or bytes of
RAM. Therefore, data memory for a device is specified
by its register file. The register file is divided into two
functional groups: special function registers and gen-
eral purpose registers.
The special function registers include the TMR0 regis-
ter, the Program Counter (PC), the Status Register, the
I/O registers (ports), and the File Select Register
(FSR). In addition, special purpose registers are used
to control the I/O port configuration and prescaler
options.
The general purpose registers are used for data and
control information under command of the instructions.
For the rfPIC12C509AG/509AF, the register file is com-
posed of 7 special function registers, 25 general pur-
pose registers, and 16 general purpose registers that
may be addressed using a banking scheme (Figure 4-
2).
4.2.1
GENERAL PURPOSE REGISTER
FILE
The general purpose register file is accessed either
directly or indirectly through the file select register FSR
FIGURE 4-2:
rfPIC12C509AG/509AF REGISTER FILE MAP
File Address
00h
01h
02h
03h
04h
05h
06h
07h
1Fh
INDF(1)
TMR0
PCL
STATUS
FSR
OSCCAL
GPIO
0Fh
10h
Bank 0
Bank 1
3Fh
30h
20h
2Fh
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
Addresses map
back to
addresses
in Bank 0.
Note 1: Not a physical register. See Section 4.8
FSR<6:5>
00
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com