| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 659 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 659 Page - Freescale Semiconductor, Inc |
|
659 / 662 page ![]() Index, Rev. 4 Freescale Semiconductors Index - ix Transmission Format When CPHA = 0 11-11 Transmission Format When CPHA = 1 11-13 Transmission Formats 11-10 Transmission Initiation Latency 11-14 SPMSTR A-14 SPRF A-14 SPRIE A-14 SPSCR A-14 SPTE A-14 SPTIE A-14 SR A-14 SRM A-14 SS A-14 SSI A-14 Stop Mode 14-7 Stop Mode TMR 13-5 Stop Mode TOD 14-7 SWAI A-14 SYS_CNTL A-14 SYS_STS A-14 T TAP A-14 TAP Block Diagram JTAG 17-5 TCE A-14 TCF A-14 TCFIE A-14 TCK pin 17-5 TCSR A-14 TDI pin 17-5 TDO pin 17-5 TDRE A-14 TE A-14 TEIE A-14 TERASEL A-14 Test Clock Input pin (TCK) 17-5 Test Data Input pin (TDI) 17-5 Test Data Output pin (TDO) 17-5 Test Mode Select Input pin (TMS) 17-5 Test Reset/Debug Event pin (TRST/DE) 17-5 TESTR A-14 TFDBK A-14 TFREF A-14 TIDLE A-15 TIE and TE0-2 bits 12-38 TIIE A-15 Timer Compare Interrupts 13-18 Timer Input Edge Interrupts 13-19 Timer Overflow Interrupts 13-19 TIRQ A-15 TM A-15 TMEL A-15 TMODE A-15 TMR Block Diagram 13-4 Capture Register Use 13-9 Cascade Count Mode 13-7 Compare Registers Use 13-9 Count Mode 13-6 Counting Modes Definitions 13-5 Edge Count Mode 13-6 Features 13-3 Fixed Frequency PWM Mode 13-8 Functional Description 13-4 Gated Count Mode 13-6 Interrupts 13-18 Memory Map 13-10 Modes of Operation 13-4 One-Shot Mode 13-7 Pulse Output Mode 13-8 Quadrature Count Mode 13-6 Register Descriptions 13-11 Resets 13-18 Signed Count Mode 13-7 Stop Mode 13-5 Timer Channel Capture Register (CAP) 13-17 Timer Channel Compare Register 1 (CMP1) 13-16 Timer Channel Compare Register 2 (CMP2) 13-16 Timer Channel Counter Register (CNTR) 13-18 Timer Channel Hold Register (HOLD) 13-17 Timer Channel Load Register (LOAD) 13-17 Timer Channel Status and Control Registers (SCR) ( 13-14 Timer Compare Interrupts 13-18 Timer Control Registers (CTL) 13-11 Timer Input Edge Interrupts 13-19 Timer Overflow Interrupts 13-19 Triggered Count Mode 13-7 Variable Frequency PWM Mode 13-8 TMR Module Memory Map Memory Map TMR Module 13-3 TMR PD A-15 TMS pin 17-5 TNVHL A-15 TNVSL A-15 TO A-15 TOD 1-Second Interrupt Flag and Outputs 14-8 Alarm Interrupt Flag and Outputs 14-7 Block Diagram 14-4 Clock Scaler (TODCSL) 14-11 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |