Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NT5CB256M8FN-DI Datasheet(PDF) 1 Page - Nanya Technology Corporation.

Part # NT5CB256M8FN-DI
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB256M8FN-DI Datasheet(HTML) 1 Page - Nanya Technology Corporation.

  NT5CB256M8FN-DI Datasheet HTML 1Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 2Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 3Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 4Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 5Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 6Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 7Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 8Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 9Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 163 page
background image
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8FN / NT5CB(C)128M16FP
Version 1.7
1
Nanya Technology Cooperation ©
04/2015
All Rights Reserved.
Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
JEDEC DDR3 Compliant
- 8n Prefetch Architecture
- Differential Clock(CK/) and Data Strobe(DQS/)
- Double-data rate on DQs, DQS and DM
Data Integrity
- Auto Self Refresh (ASR) by DRAM built-in TS
- Auto Refresh and Self Refresh Modes
Power Saving Mode
- Partial Array Self Refresh (PASR)
1
- Power Down Mode
CAS Latency (5/6/7/8/9/10/11/12/13/14)
CAS Write Latency (5/6/7/8/9/10)
Additive Latency (0/CL-1/CL-2)
Write Recovery Time (5/6/7/8/10/12/14/16)
Burst Type (Sequential/Interleaved)
Burst Length (BL8/BC4/BC4 or 8 on the fly)
Programmable Functions
Self RefreshTemperature Range(Normal/Extended)
Output Driver Impedance (34/40)
On-Die Termination of Rtt_Nom(20/30/40/60/120)
On-Die Termination of Rtt_WR(60/120)
Precharge Power Down (slow/fast)
Signal Integrity
- Configurable DS for system compatibility
- Configurable On-Die Termination
- ZQ Calibration for DS/ODT impedance accuracy via
external ZQ pad (240 ohm ± 1%)
Signal Synchronization
- Write Leveling via MR settings
7
- Read Leveling via MPR
Interface and Power Supply
- SSTL_15 for DDR3:VDD/VDDQ=1.5V(±0.075V)
- SSTL_135
4 for DDR3L:VDD/VDDQ=1.35V(-0.067/+0.1V)
Features
Density and Addressing
Organization
256Mb x 8
128Mb x 16
Bank Address
BA0 – BA2
BA0 – BA2
Auto precharge
A10 / AP
A10 / AP
BL switch on the fly
A12 / 
A12 / 
Row Address
A0 – A14
A0 – A13
Column Address
A0 – A9
A0 – A9
Page Size
1KB
2KB
tREFI(us)
5
Tc<=85℃:7.8, Tc>85℃:3.9
tRFC(ns)
6
160ns
Packages / Density Information
Lead-free RoHS compliance and Halogen-free
2Gb
(Org. / Package)
Length x Width
(mm)
Ball pitch
(mm)
256Mbx8
78-ball
TFBGA
8.00 x 10.50
0.80
128Mbx16
96-ball
TFBGA
9.00 x 13.00
0.80
Speed Grade (CL-TRCD-TRP)
2,3
- 2133 Mbps / 14-14-14
- 1866 Mbps / 12-12-12,13-13-13
- 1600 Mbps / 11-11-11
Options
Nanya Technology Corp.
NT5CB(C)256M8FN / NT5CB(C)128M16FP
NTC has the rights to change any specifications or product without notification.
Temperature Range (Tc)
5
- Commercial Grade = 0℃~95℃
- Industrial Grade (-I) = -40℃~95℃
- Automotive Grade 2 (-H) = -40℃~105℃
- Automotive Grade 3 (-A) = -40℃~95℃
NOTE 1 Default state of PASR is disabed. This is enabled by using an electrical fuse. Please contact with NTC for the demand.
NOTE 2 The timing specification of high speed bin is backward compatible with low speed bin.
NOTE 3 Please refer to ordering information for the deailts (DDR3, DDR3L, DDR3L RS).
NOTE 4 SSTL_135 compatible to SSTL_15. That means 1.35V DDR3L are backward compatible to 1.5V DDR3 parts. 1.35V DDR3L-RS parts are exceptional
and unallowable to be compatible to 1.35V DDR3L and 1.5V DDR3 parts.
NOTE 5 If TC exceeds 85°C, the DRAM must be refreshed externally at 2x refresh, which is a 3.9us interval refresh rate. Extended SRT or ASR must be enabled.
NOTE 6 Violating tRFC specification will induce malfunction.
NOTE 7 Only Support prime DQ’s feedback for each byte lane.


Similar Part No. - NT5CB256M8FN-DI

ManufacturerPart #DatasheetDescription
logo
Nanya Technology Corpor...
NT5CB256M8IN NANYA-NT5CB256M8IN Datasheet
4Mb / 162P
Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CB256M8IN-DI NANYA-NT5CB256M8IN-DI Datasheet
4Mb / 162P
Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CB256M8IN-DIA NANYA-NT5CB256M8IN-DIA Datasheet
4Mb / 162P
Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CB256M8IN-DIB NANYA-NT5CB256M8IN-DIB Datasheet
4Mb / 162P
Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CB256M8IN-DIH NANYA-NT5CB256M8IN-DIH Datasheet
4Mb / 162P
Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
More results

Similar Description - NT5CB256M8FN-DI

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
2Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
2Gb DDR3 SDRAM
logo
Nanya Technology Corpor...
NT5CB128M8FN NANYA-NT5CB128M8FN Datasheet
7Mb / 165P
Commercial, Industrial and Automotive DDR3(L) 1Gb SDRAM
NT5CB256M8IN NANYA-NT5CB256M8IN Datasheet
4Mb / 162P
Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
NT5CB256M8JQ NANYA-NT5CB256M8JQ Datasheet
4Mb / 157P
Commercial and Industrial DDR3(L) 2Gb SDRAM
NT5CB512M8CN NANYA-NT5CB512M8CN Datasheet
7Mb / 164P
Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8DN NANYA-NT5CB512M8DN Datasheet
4Mb / 163P
Commercial, Industrial and Automotive DDR3(L) 4Gb SDRAM
NT5CB512M8EQ NANYA-NT5CB512M8EQ Datasheet
4Mb / 158P
Commercial and Industrial DDR3(L) 4Gb SDRAM
NT5CBC256M8JQ NANYA-NT5CBC256M8JQ Datasheet
4Mb / 154P
Automotive DDR3(L) 2Gb SDRAM
NT5CB512M8EN NANYA-NT5CB512M8EN Datasheet
4Mb / 162P
Commercial and Industrial DDR3( L 4Gb SDRAM
Version 1.3 11/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com