Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NT5CB256M8FN-DI Datasheet(PDF) 22 Page - Nanya Technology Corporation.

Part # NT5CB256M8FN-DI
Description  Commercial, Industrial and Automotive DDR3(L) 2Gb SDRAM
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB256M8FN-DI Datasheet(HTML) 22 Page - Nanya Technology Corporation.

Back Button NT5CB256M8FN-DI Datasheet HTML 18Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 19Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 20Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 21Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 22Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 23Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 24Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 25Page - Nanya Technology Corporation. NT5CB256M8FN-DI Datasheet HTML 26Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 163 page
background image
DDR3(L) 2Gb SDRAM
NT5CB(C)256M8FN / NT5CB(C)128M16FP
Version 1.7
22
Nanya Technology Cooperation ©
04/2015
All Rights Reserved.
Additive Latency (AL)
Additive Latency (AL) operation is supported to make command and data bus efficient for sustainable bandwidth in DDR3(L)
SDRAM. In this operation, the DDR3(L) SDRAM allows a read or write command (either with or without auto-precharge) to
be issued immediately after the active command. The command is held for the time of the Additive Latency (AL) before it is
issued inside the device. The Read Latency (RL) is controlled by the sum of the AL and CAS Latency (CL) register settings.
Write Latency (WL) is controlled by the sum of the AL and CAS Write Latency (CWL) register settings. A summary of the AL
register options are shown as the following table.
Additive Latency (AL) Settings
A4
A3
AL
0
0
0, (AL Disable)
0
1
CL-1
1
0
CL-2
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com