Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM8PC71AM Datasheet(PDF) 3 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 3 Page - Feeling Technology Corp.

  FM8PC71AM Datasheet HTML 1Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 2Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 3Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 4Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 5Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 6Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 7Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 8Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.3
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
Contents
【1】FM8PC71AM REVIEW ................................................................................................ 7
1.1 General Description.............................................................................................. 7
1.2 Features ................................................................................................................ 7
1.3 Block Diagram ..................................................................................................... 8
1.4 Pin Definitions...................................................................................................... 8
1.5 Pin Description ..................................................................................................... 9
1.6 Program Memory Mapping ................................................................................ 11
1.7 Memory And Register Mapping......................................................................... 11
1.8 Register bit Mapping .......................................................................................... 12
1.9 Table of Optional configuration ......................................................................... 15
【2】Macro-Controller UNIT .............................................................................................. 16
2.1 Indirect Addressing Define................................................................................. 16
Address 00H: Indirect Addressing Register (INDF) ........................................ 16
Address 04H: File select Register(FSR) .......................................................... 16
2.2 Program Counter least significant 8 bits ............................................................ 17
Address 02H: Low bytes of Program Counter(PCL) ....................................... 17
2.3 Status Register .................................................................................................... 18
Address 03H: Status Register(STATUS).......................................................... 18
2.4 General Purpose I/O ports .................................................................................. 19
2.4.1 PortA, PortB data define ......................................................................... 19
Address 05H: Port A(PORTA) ......................................................................... 19
Address 06H: Port B(PORTB) ......................................................................... 19
2.4.2
PortA, PortB Interrupt define ........................................................... 20
Address 07H: Port A Interrupt Control Register(PAIE) ................................... 20
Address 08H: Port B Interrupt Control Register(PBIE)................................... 20
Address 09H: Port A Wake-Up Control Register(PACON) ............................. 21
Address 0AH: Port B Wake-Up Control Register(PACON) ............................ 22
2.4.3 PortA, PortB Mode define....................................................................... 23
Address 08H: Port A Mode0 Control Register(PAMODE0)............................ 23
Address 09H: Port A Mode1 Control Register(PAMODE1)............................ 23
Address 0AH: Port B Mode1 Control Register(PBMODE0) .......................... 23
Address 0BH: Port B Mode1 Control Register(PBMODE1)........................... 23
2.5 Watchdog Timer(WDT)...................................................................................... 25
Address 11H: Watchdog Timer(WDT)............................................................. 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com