Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM8PC71AM Datasheet(PDF) 5 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 5 Page - Feeling Technology Corp.

  FM8PC71AM Datasheet HTML 1Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 2Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 3Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 4Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 5Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 6Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 7Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 8Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.5
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
Address 24H: PWM3 Control Register (PWM3CR) ....................................... 47
Address 25H: PWM3Timer Low byte value Register (P3TMLB)................... 48
Address 25H: PWM3 Timer Divider parameter Register (N3)........................ 48
Address 26H: PWM3 Timer compared or overflow reload Low byte value
Register (P3RDLB) .......................................................................................... 48
Address 27H: PWM3 Timer and reload High-nibble bits Register(P3TRHB) 48
6.4 PWM Code Example.......................................................................................... 49
【7】5+2 Channel Analog to Digital (ADC)........................................................................ 51
7.1 ADC Registers.................................................................................................... 51
Address 28H: ADC Control_1 Register(ADCON1) ........................................ 51
Address 29H: ADC Control_2 Register(ADCON2) ........................................ 52
Address 28H: ADCControl-3 Register (ADCON3) ......................................... 53
Address 30H: ADC High byte Register(ADCHB/DACR1LB) ....................... 53
Address 31H: ADC Low byte Register (ADCLB/DACR1HB) ....................... 53
【8】Enhance Function of 71AM......................................................................................... 54
8.1 Address 32~34H: General purpose Register (GPR)................................... 54
8.2 Address 35H: Enhance Functional Register-1(EFR1)................................ 54
8.3 Address 36H: Enhance Functional Register-2(EFR2)................................ 55
8.4 Voltage Comparator.................................................................................... 56
Address 37H: Comparator control Register-1(CMPCON1) ............................ 56
Address 38H: Comparator control Register-2(CMPCON2) ............................ 57
Address 39H: DAC Low Byte Register-2(DACR2LB) ................................... 59
Address 3AH: DAC High byte Register-2(DACR2HB).................................. 59
8.5 Timer0 ................................................................................................................ 60
Address 0FH: TM0 Control Register (TM0CON) ........................................... 60
Address 0EH: Timer0 value Register (TM0) ................................................... 61
Address 10H: Timer0 compared or overflow reload byte value Register (T0RLD)
.......................................................................................................................... 61
【9】Interrupt........................................................................................................................ 62
9.1 Interrupt Registers .............................................................................................. 63
Address 0BH: Interrupt Mask Register(INTEN) ............................................. 63
Address 0CH: Interrupt Flag Register(INTFLAG) .......................................... 63
【10】Instruction Set............................................................................................................. 64
【11】Absolute Maximum Ratings ...................................................................................... 66
【12】DC Characteristics ..................................................................................................... 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com