Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM8PC71AM Datasheet(PDF) 7 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 7 Page - Feeling Technology Corp.

Back Button FM8PC71AM Datasheet HTML 3Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 4Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 5Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 6Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 7Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 8Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 9Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 10Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 11Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.7
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
【1】FM8PC71AM REVIEW
1.1 General Description
◆ The FM8PC71AM is compatible with FM8PC71AS.
◆ The FM8PC71AM enhance operating voltage, Drive ,Sink current and EFT.
1.2 Features
8-bit RISC microprocessor
On chip 4.0K x 14 program OTP Memory.
6 level stack.
128 bytes internal SRAM.
Optional Firc/(1,2,4,8,16) MCU clock.
MCU can switch to work on External/internal clock.
One 8-bits Timer and Four 12-bits counter for PWM output.
Watch dog Timer.
System Clock
Internal Oscillator
Internal +/- 2% 16MHz Oscillator.
Internal oscillator 32KHz free run clock for slow/green mode.
External crystal Oscillator
One operating Frequency Range of oscillator/Crystal is 32K~16M Hz.
One RC type up to 7MHz.
13+1 I/O ports
High current dive on any GPIO pin: 20mA pin current drive and sink.
Each GPIO pin supports high-impedance input, internal pull-ups,
open drains output, or CMOS outputs.
PA[2] only as input/pull-high pin.
7+14 interrupt sources
Fourteen external interrupts for any GPIO pin.
Seven internal interrupts are Timer0, PTM0, PTM1, PTM2, PTM3, CMP, ADC;
5+2 Channel 12-bit ADC/DAC.
Optional Continues or Trigger mode to sample.
Support 5 channel external ADC input and an internal VDD/4 and AVSS input.
Build in AD reference voltage (VDD, 4V, 3V, 2V) +/- 1%.
Support one channel DAC output to PB[3] when ADC disable.
Power Manager
Power on reset (POR) voltage is 2.1V
Power down reset (PDR) voltage is 1.8V
Four level Low Voltage Detect:
LVDT36(3.6V), LVDTA(2.0V), LVDT24(2.4V), LVDT20(2.0V).
Build in PWM(Buzzer) function.
Support 4 channels PWM.
PWM0(PA[3]-H, PA[4]-L),PWM2(PA[6]-H,PA[5]-L),PWM3(PA[7]-H,PB[5]-L)
can differential output.
PWM0(BZ0)/PWM1(BZ1)/PWM2(BZ2)/PWM3(BZ3) optional output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com