Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM8PC71AM Datasheet(PDF) 9 Page - Feeling Technology Corp.

Part # FM8PC71AM
Description  FTC 8-Bit Micro-Controller With 12-bits ADC
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FM8PC71AM Datasheet(HTML) 9 Page - Feeling Technology Corp.

Back Button FM8PC71AM Datasheet HTML 5Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 6Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 7Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 8Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 9Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 10Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 11Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 12Page - Feeling Technology Corp. FM8PC71AM Datasheet HTML 13Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
FM8PC71AM
This datasheet contains new product information. Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
P.9
R1.1.004, Aug 7, 2017
FM8PC71AM
遠翔科技
Feeling Technology
1.5 Pin Description
PIN
Name
I/O
14-pin
16-pin
Description
P
S
PA[0]
XIN
IO
I
2
2
GPIO Port A [0] capable of sinking up to 20mA/pin, or sinking controlled low
or high programmable current. Can also source 20 mA drive current or
provide a resistive pull-up, or serve as a high-impedance input.
Up to 16Mhz ceramic resonator or external clock input when external
Crystal enable.
PA[1]
XOUT
IO
O
3
3
GPIO Port A [1] capable of sinking up to 20mA/pin, or sinking controlled low
or high programmable current. Can also source 20 mA drive current or
provide a resistive pull-up, or serve as a high-impedance input.
Up to 16Mhz ceramic resonator or external clock output when external
Crystal enable.
PA[2]
VPP
RSTN
I
I
4
4
GPIO Port A [2] input and a resistive pull-up. (Default is pull-high)
Programming voltage supply, VCC for normal operation
External reset pin, active low.
PA[3]
PWM0
IO
O
5
5
GPIO Port A [3] capable of sinking up to 20mA/pin, or sinking controlled low
or high programmable current. Can also source 20 mA drive current or
provide a resistive pull-up, or serve as a high-impedance input.
PWM0 signal output pin when PWM0 enable.
PA[4]
PWM1
IO
O
6
6
GPIO Port A [4] capable of sinking up to 20mA/pin, or sinking controlled low
or high programmable current. Can also source 20 mA drive current or
provide a resistive pull-up, or serve as a high-impedance input.
PWM1 signal output pin when PWM1 enable.
PA[5]
T0CK
IO
I
7
7
GPIO Port A [5] capable of sinking up to 20mA/pin, or sinking controlled low
or high programmable current. Can also source 20 mA drive current or
provide a resistive pull-up, or serve as a high-impedance input.
Timer0 or PWM0~3 external clock input pin
PA[6]
PWM2
IO
O
--
8
GPIO Port A [6]capable of sinking up to 20mA/pin, or sinking controlled low
or high programmable current. Can also source 20 mA drive current or
provide a resistive pull-up, or serve as a high-impedance input.
PWM2 signal output pin when PWM2 enable
PA[7]
PWM3
IO
O
--
9
GPIO Port A [7] capable of sinking up to 20mA/pin, or sinking controlled low
or high programmable current. Can also source 20 mA drive current or
provide a resistive pull-up, or serve as a high-impedance input.
PWM3 signal output pin when PWM3 enable
PB[5]
T1CK
IO
I
8
10
GPIO Port B [5] capable of sinking up to 20mA/pin, or sinking controlled low
or high programmable current. Can also source 20 mA drive current or
provide a resistive pull-up, or serve as a high-impedance input.
PWM0~3 external clock input pin
PB[4]
AIN4
VREFH
IO
I
9
11
GPIO Port B [4] capable of sinking up to 20mA/pin, or sinking controlled low
or high programmable current. Can also source 20 mA drive current or
provide a resistive pull-up, or serve as a high-impedance input.
ADC input channel-4.
External high reference voltage input of ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com