Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTL8019AS Datasheet(PDF) 38 Page - Realtek Semiconductor Corp.

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8019AS Datasheet(HTML) 38 Page - Realtek Semiconductor Corp.

Back Button RTL8019AS Datasheet HTML 34Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 35Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 36Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 37Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 38Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 39Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 40Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 41Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 42Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
RTL8019AS
Datasheet
2005-08-26
38
TAG
I/O Format
Length: fixed
8 bytes
Item byte
47H
I/O information
00H
Min. I/O base bits 7-0
20H
Min. I/O base bits 15-8
02H
Max. I/O base bits 7-0
80H
Max. I/O base bits 15-8
03H
Base alignment
20H
Range length
20H
TAG
IRQ Format
Length: fixed
4 bytes
Item byte
23H
IRQ mask bits 7-0
38H
IRQ mask bits 15-8
9EH
IRQ information
01H
TAG
Memory Format (optional)
Length: fixed
12 bytes
Item byte
81H
This example uses 16k-byte BROM.
Length bits 7-0
09H
Length bits 15-8
00H
Memory information
40H
Min. base bits 15-8
00H
Min. base bits 23-16
0CH
Max. base bits 15-8
C0H
Max. base bits 23-16
0DH
Base alignment bits 7-0
00H
Base alignment bits 15-8 40H
Range length bits 15-8
40H
Range length bits 23-16
00H
TAG
END Tag
Length: fixed
2 bytes
Item byte
79H
Checksum
2's complement of the sum of all the above resource data
i.e. 2's complement of (0AH+10H+10H+.......+79H)
6.4. Boot ROM
Whether a EPROM or flash memory is used as the BROM, RTL8019AS's BROM read operation is still the
same as RTL8019's. The supported BROM size is the same, too.
The write operation of a flash memory is much like the read except that a SMEMWB command is issued
instead of SMEMRB. The block diagram below shows the application when an 128k*8bit flash memory
(e.g. 29F010) is used as the BROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com