Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTL8019AS Datasheet(PDF) 50 Page - Realtek Semiconductor Corp.

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8019AS Datasheet(HTML) 50 Page - Realtek Semiconductor Corp.

Back Button RTL8019AS Datasheet HTML 43Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 44Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 45Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 46Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 47Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 48Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 49Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 50Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 51Page - Realtek Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
RTL8019AS
Datasheet
2005-08-26
50
Note:
Symbol
Dimension in
mil
Dimension in
mm
1.Dimension D & E do not include interlead flash.
Min Typ Max Min Typ Max
2.Dimension b does not include dambar protrusion/intrusion.
A
106.3 118.1 129.9 2.70 3.00 3.30
3.Controlling dimension: Millimeter
A1
4.3 20.1 35.8 0.11 0.51 0.91
4.General appearance spec. should be based on final visual
A2
102.4 112.2 122.0 2.60 2.85 3.10
inspection spec.
b
7.1 11.8 16.5 0.18 0.30 0.42
c
1.6
5.9 10.2 0.04 0.15 0.26
D
541.3 551.2 561.0 13.75 14.00 14.25
TITLE : 100L QFP ( 14x20 mm**2 ) FOOTPRINT 4.8 mm
E
777.6 787.4 797.2 19.75 20.00 20.25
PACKAGE OUTLINE DRAWING
e
19.7 25.6 31.5 0.50 0.65 0.80
LEADFRAME MATERIAL:
HD
726.4 740.2 753.9 18.45 18.80 19.15
APPROVE
DWG NO.
HE
962.6 976.4 990.2 24.45 24.80 25.15
REV NO.
L
39.4 47.2 55.1 1.00 1.20 1.40
SCALE
L1
88.6 94.5 104.3 2.25 2.40 2.65
CHECK
Ricardo Chen
DATE
y
-
-
3.9 -
-
0.10
SHT NO.
1 OF
θ
0°
-
12°
0° -
12°
REALTEK SEMI-CONDUCTOR CO., LTD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com