Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RTL8019AS Datasheet(PDF) 21 Page - Realtek Semiconductor Corp.

Part # RTL8019AS
Description  Realtek Full-Duplex Ethernet Controller with Plug and Play Function
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8019AS Datasheet(HTML) 21 Page - Realtek Semiconductor Corp.

Back Button RTL8019AS Datasheet HTML 17Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 18Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8019AS Datasheet HTML 25Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
RTL8019AS
Datasheet
2005-08-26
21
BROM size
BA14
BA15
16K
high
high
32K
SA14
high
64K
SA14
SA15
CONFIG3: RTL8019AS Configuration Register 3 (06H; Type=R except Bit[2:1]=R/W)
Bit
Symbol
Description
7
PNP
This bit is negligible in jumper mode. In jumperless mode it, when set, indicates the
RTL8019AS is operating in Plug and Play mode. This bit is set when the PNP pin is
high or the PNP bit in 9346 is set in jumperless mode.
6
FUDUP
When this bit is set, RTL8019AS is set to the full-duplex mode which enables
simultaneously transmission and reception on the twisted-pair link to a full-duplex
Ethernet switching hub. This feature not only increases the channel bandwidth from 10
to 20 Mbps but also avoids the performance degrading problem due to the channel
contention characteristics of the Ethernet CSMA/CD protocol.
5-4
LEDS1-0
These two bits select the outputs to LED2-0 pins.
LEDS0
LED0 Pin
0
LED_COL
1
LED_LINK
LEDS1
LED1 Pin
LED2 Pin
0
LED_RX
LED_TX
1
LED_CRS
MCSB
Please refer to section 6.5 for the behavior of LEDs.
The MCSB signal is defined to put the local buffer SRAM into standby mode while
DMA is not in progress and thus save powers.
3
-
Reserved. Must not write a 1 to this bit.
2
SLEEP
This bit, when set, puts RTL8019AS into sleep mode.
In sleep mode, all LED signals (P.S. MCSB is not an LED signal) except LEDBNC are
forced high to turn off the LEDs. The RTL8019AS still handles the network
transmission and reception like in normal mode. The LEDBNC is not affected by this
bit.
This bit's power-up initial value is 0 and can be modified by software when
EEM1=EEM0=1.
1
PWRDN
This bit , when set, puts RTL8019AS into power down mode.
RTL8019AS supports two kinds of power down modes, which is selected by the
contents of the HLTCLK register:
(1) mode 1: power down with clock running
(2) mode 2: power down with clock halted
In both power down modes, the RTL8019AS's serial network interface and transceiver
are turned off. All network activities are ignored.
All LED signals except LEDBNC are forced high. The LEDBNC is forced low to
disable the DC convertor for coaxial transceiver.
In power down mode2, the RTL8019AS stops its internal clock for minimal power
consumption. Registers except HLTCLK are typically not accessible in this mode.
This bit's initial value comes from 9346 and can be modified if EEM1=EEM0=1 in
9346CR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com