Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I15104F Datasheet(PDF) 4 Page - Nuvoton Technology Corporation

Part # I15104F
Description  Multi-Message Record/Playback Devices with Digital Audio Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

I15104F Datasheet(HTML) 4 Page - Nuvoton Technology Corporation

  I15104F Datasheet HTML 1Page - Nuvoton Technology Corporation I15104F Datasheet HTML 2Page - Nuvoton Technology Corporation I15104F Datasheet HTML 3Page - Nuvoton Technology Corporation I15104F Datasheet HTML 4Page - Nuvoton Technology Corporation I15104F Datasheet HTML 5Page - Nuvoton Technology Corporation I15104F Datasheet HTML 6Page - Nuvoton Technology Corporation I15104F Datasheet HTML 7Page - Nuvoton Technology Corporation I15104F Datasheet HTML 8Page - Nuvoton Technology Corporation I15104F Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ISD15100 SERIES
Publication Release Date: May 6, 2011
- 4 -
Revision 1.3
µ-Law: 6, 7 or 8 bits per sample
Differential µ-Law: 6, 7 or 8 bits per sample
PCM: 8, 10 or 12 bits per sample
Enhanced ADPCM: 2, 3, 4 or 5 bits per sample
Variable-bit-rate optimized compression. This allows best possible compression given a
metric of SNR and background noise levels.
Oscillator
o
Internal oscillator with internal reference: 2.048 MHz with ±10% deviation
o
Internal oscillator with external resistor: 2.048 MHz with ±5% deviation when Rosc is 80k-ohm
o
External crystal or clock input
o
I
2S bit clock input
o
Crystals and resonators support standard audio sampling rates of 2.048, 4.096, 8.192, 12.288
and11.2896MHz
Inputs
o
AUXIN: Analog input with 2-bit gain control configured by SPI command
o
ANAIN/ANAOUT:
Analog input with the gain set by two external resistors from ANAOUT to ANAIN, or
Microphone differential input (ANAIN/ANAOUT becomes MIC+/MIC-)
o
Digital AGC:
Automatic gain control of digitized data from the analog input
Outputs
o
PWM: Class D speaker driver to direct drive an 8Ω speaker or buzzer
o
AUDOUT: configurable as a current or voltage single-ended line driver
o
AUXOUT: a single-ended voltage output
o
BTL: a differential voltage output
I/Os
o
SPI interface: MISO, MOSI, SCLK, SSB for commands and digital audio data
o
I
2S interface: I2S_CLK, I2S_WS, I2S_SDI, I2S_SDO for digital audio data
o
8 GPIO pins (4 of the 8 GPIO pins share with I
2S).
Three 8-bit Volume Control set by SPI command for flexible mixing
o
VOLA: volume control for the digital audio data from I
2S or analog inputs
o
VOLB: volume control for the digital audio data from decompression block or SPI
o
VOLC: master volume control for PWM, AUDOUT, AUXOUT and I
2S outputs
Operating Voltage: 2.7-3.6V
Standby Current: 1uA typical
Package: Green 48L-LQFP
Temperature Options:
o
Industrial: -40
C to 85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com