Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I15104F Datasheet(PDF) 9 Page - Nuvoton Technology Corporation

Part # I15104F
Description  Multi-Message Record/Playback Devices with Digital Audio Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

I15104F Datasheet(HTML) 9 Page - Nuvoton Technology Corporation

Back Button I15104F Datasheet HTML 5Page - Nuvoton Technology Corporation I15104F Datasheet HTML 6Page - Nuvoton Technology Corporation I15104F Datasheet HTML 7Page - Nuvoton Technology Corporation I15104F Datasheet HTML 8Page - Nuvoton Technology Corporation I15104F Datasheet HTML 9Page - Nuvoton Technology Corporation I15104F Datasheet HTML 10Page - Nuvoton Technology Corporation I15104F Datasheet HTML 11Page - Nuvoton Technology Corporation I15104F Datasheet HTML 12Page - Nuvoton Technology Corporation I15104F Datasheet HTML 13Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ISD15100 SERIES
Publication Release Date: May 6, 2011
- 9 -
Revision 1.3
Pin
Number
Pin Name
I/O
Function
18
SPK+
O
PWM driver positive output. This SPK+ output, together with SPK- pin,
provide a differential output to drive 8
Ω speaker or buzzer. During
power down this pin is in tri-state.
Or, can be configured as BTL which, together with SPK- pin, provide a
differential voltage output.
Or, can independently switch to AUDOUT or AUXOUT.
19
VSSD_PWM
I
Digital Ground for the PWM Driver.
20
SPK-
O
PWM driver negative output. This SPK- output, together with SPK+
pin, provides a differential output to drive 8
Ω speaker or buzzer.
During power down this pin is tri-state.
Or, can be configured as BTL which, together with SPK+ pin, provide a
differential voltage output.
Or, can independently switch to AUDOUT or AUXOUT.
21
VCCD_PWM
I
Digital Power for the PWM Driver.
22
NC
This pin should be left unconnected.
23
NC
This pin should be left unconnected.
24
NC
This pin should be left unconnected.
25
INTB
O
Active low interrupt request pin. This pin is an open-drain output.
26
RDY/BSYB
O
An output pin to report the status of data transfer on the SPI interface.
“High” indicates that ISD15100 is ready to accept new SPI commands
or data.
27
RESET
I
Applying power to this pin will reset the chip. (A high pulse of 50ms or
more will reset the chip.)
28
NC
This pin should be left unconnected.
29
NC
This pin should be left unconnected.
30
GPIO3
I/O
GPIO
31
GPIO2
I/O
GPIO
32
GPIO1
I/O
GPIO
33
VCCD
I
Digital power supply pin.
34
VCCD
I
Digital power supply pin.
35
XTALOUT
O
Crystal interface output pin.
36
XTALIN
I
The CLK_CFG register determines one of the following three
configurations: (1) A crystal or resonator connected between the
XTALOUT and XTALIN pins. (2) A resistor connected to GND as a
reference current to the internal oscillator and left the XTALOUT
unconnected. (3) An external clock input to the device and left the
XTALOUT unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com