Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I15104F Datasheet(PDF) 10 Page - Nuvoton Technology Corporation

Part # I15104F
Description  Multi-Message Record/Playback Devices with Digital Audio Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

I15104F Datasheet(HTML) 10 Page - Nuvoton Technology Corporation

Back Button I15104F Datasheet HTML 6Page - Nuvoton Technology Corporation I15104F Datasheet HTML 7Page - Nuvoton Technology Corporation I15104F Datasheet HTML 8Page - Nuvoton Technology Corporation I15104F Datasheet HTML 9Page - Nuvoton Technology Corporation I15104F Datasheet HTML 10Page - Nuvoton Technology Corporation I15104F Datasheet HTML 11Page - Nuvoton Technology Corporation I15104F Datasheet HTML 12Page - Nuvoton Technology Corporation I15104F Datasheet HTML 13Page - Nuvoton Technology Corporation I15104F Datasheet HTML 14Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ISD15100 SERIES
Publication Release Date: May 6, 2011
- 10 -
Revision 1.3
Pin
Number
Pin Name
I/O
Function
37
NC
This pin should be left unconnected.
38
GPIO0
I/O
GPIO
39
NC
This pin should be left unconnected.
40
NC
This pin should be left unconnected.
41
AUDOUT
O
Audio Out. This pin can be either a voltage output or a current output
configured by the internal registers via SPI command.
If AUDOUT is not used, this pin should be left unconnected.
42
AUXOUT
O
Aux Out. This pin is an analog voltage output.
If AUXOUT is not used, this pin should be left unconnected.
43
VCCA
I
Analog power supply pin.
44
VSSA
I
Analog ground pin.
45
ANAOUT/
MIC-
O
Variable gain analog output with the gain set by feedback resistance to
ANAIN.
Or, can be configured as MIC- which, together with MIC+, provides a
microphone differential input.
If ANAIN/ANAOUT is not used, this pin should be left unconnected.
46
ANAIN/
MIC+
I
Variable gain analog input.
Or, can be configured as MIC+ which, together with MIC-, provides a
microphone differential input.
If ANAIN/ANAOUT is not used, this pin should be left unconnected.
47
AUXIN
I
Auxiliary input with the gain set by SPI command
If AUXIN is not used, this pin should be left unconnected.
48
NC
This pin should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com