Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

I15104F Datasheet(PDF) 8 Page - Nuvoton Technology Corporation

Part # I15104F
Description  Multi-Message Record/Playback Devices with Digital Audio Interface
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

I15104F Datasheet(HTML) 8 Page - Nuvoton Technology Corporation

Back Button I15104F Datasheet HTML 4Page - Nuvoton Technology Corporation I15104F Datasheet HTML 5Page - Nuvoton Technology Corporation I15104F Datasheet HTML 6Page - Nuvoton Technology Corporation I15104F Datasheet HTML 7Page - Nuvoton Technology Corporation I15104F Datasheet HTML 8Page - Nuvoton Technology Corporation I15104F Datasheet HTML 9Page - Nuvoton Technology Corporation I15104F Datasheet HTML 10Page - Nuvoton Technology Corporation I15104F Datasheet HTML 11Page - Nuvoton Technology Corporation I15104F Datasheet HTML 12Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ISD15100 SERIES
Publication Release Date: May 6, 2011
- 8 -
Revision 1.3
5
PIN DESCRIPTION
Pin
Number
Pin Name
I/O
Function
1
NC
This pin should be left unconnected.
2
NC
This pin should be left unconnected.
3
NC
This pin should be left unconnected.
4
I
2S_SDI/
GPIO7
I
Serial Data Input of the I
2S interface (If I2S is not used, this pin should
be grounded).
Or, can be configured as a GPIO pin.
5
I
2S_SCK/
GPIO6
I/O
Clock input in slave mode or clock output in master mode. This pin can
be configured as an external clock buffer if I
2S is not used (If I2S is not
used, this pin should be grounded).
Or, can be configured as a GPIO pin.
6
I
2S_WS/
GPIO5
I/O
Word Select (WS) input in slave mode or WS output in master mode (If
I2S is not used, this pin should be grounded).
Or, can be configured as a GPIO pin.
7
I
2S_SDO/
GPIO4
O
Serial Data Output of the I
2S Interface (If I2S is not used, this pin
should be left unconnected).
Or, can be configured as a GPIO pin.
8
VCCD
I
Digital power supply.
9
VSSD
I
Digital Ground.
10
VSSD
I
Digital Ground.
11
VCCD
I
Digital power supply.
12
VREG
O
A 1.8V regulator to supply the internal logic. A 0.1uF capacitor should
be connected to this pin for supply decoupling and stability.
13
MISO
O
Master-In-Slave-Out. Serial output from the ISD15100 to the host. This
pin is in tri-state when SSB=1.
14
SCLK
I
Serial Clock input to the ISD15100 from the host.
15
SSB
I
Slave Select input to the ISD15100 from the host. When SSB is low
device is selected and responds to commands on the SPI interface.
16
MOSI
I
Master-Out-Slave-In. Serial input to the ISD15100 from the host.
17
VCCD_PWM
I
Digital Power for the PWM Driver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com