Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NM1482KSLAXCL Datasheet(PDF) 79 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 79 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 75Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 76Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 77Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 78Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 79Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 80Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 81Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 82Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 83Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 119 page
background image
Version 1.3
79
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM1482KSLAXCL
NTC Proprietary
Level: Property
Single-Ended Levels for CK, , DQS, 
Symbol
Parameter
LPDDR2 1066
Unit
Min
Max
VSEH(AC)
Single-ended HIGH level for strobes
(VDDQ/2) + 0.22
Note 3
V
Single-ended HIGH level for CK,

(VDDCA/2) + 0.22
Note 3
V
VSEL(AC)
Single-ended LOW level for strobes
Note 3
(VDDQ/2) - 0.22
V
Single-ended LOW level for CK,

Note 3
(VDDCA/2) - 0.22
V
Notes:
1.
For CK and , use VSEH/VSEL(AC) of CA; for strobes (DQS[3:0] and [3:0]) use VIH/VIL(AC) of DQ.
2.
VIH(AC) and VIL(AC) for DQ are based on VREFDQ; VSEH(AC) and VSEL(AC) for CA are based on VREFCA. If a reduced AC HIGH or AC
LOW is used for a signal group, the reduced level applies.
3.
These values are not defined, however the single-ended signals CK, , DQS0, , DQS1, , DQS2, , DQS3,
 must be within the respective limits (VIH(DC)max, VIL(DC)min) for single-ended signals, and must comply with the
specified limitations for overshoot and undershoot.
Cross-Point Voltage for Differential Input Signals (CK, , DQS, )
Symbol
Parameter
LPDDR2 1066
Unit
Min
Max
VIXCA(AC)
Differential input cross-point voltage relative to VDDCA/2 for CK and

-120
+120
mV
VIXDQ(AC)
Differential input cross-point voltage relative to VDDQ/2 for DQS and

-120
+120
mV
Notes:
1. The typical value of VIX(AC) is expected to be about 0.5 × VDD of the transmitting device, and it is expected to track variations
in VDD. VIX(AC) indicates the voltage at which differential input signals must cross.
2. For CK and , VREF = VREFCA(DC). For DQS and , VREF = VREFDQ(DC).
Slew Rate Definitions for Single-Ended Input Signals
Refer to single-ended slew rate definition for address, command and data signals respectively.
Slew Rate Definitions for Differential Input Signals
Description
Defined by
Measured
From
To
Differential input slew rate for rising edge
(CK,  and DQS, )
[VIHdiffmin
– VILdiffmax] / ΔTRdiff
VILdiffmax
VIHdiffmin
Differential input slew rate for falling edge
(CK,  and DQS, )
[VIHdiffmin
– VILdiffmax] / ΔTFdiff
VIHdiffmin
VILdiffmax
Notes:
1. The differential signals (CK,
 and DQS, ) must be linear between these thresholds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com