Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NM1482KSLAXCL Datasheet(PDF) 98 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 98 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 94Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 95Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 96Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 97Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 98Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 99Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 100Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 101Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 102Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 119 page
background image
Version 1.3
98
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM1482KSLAXCL
NTC Proprietary
Level: Property
Data Setup and Hold Base Values
Parameter
Data Rate
Reference
1066
tDS (base)
-10
VIH/VIL(AC) = VREF(DC) ± 220 mV
tDH (base)
80
VIH/VIL(DC) = VREF(DC) ± 130 mV
Notes: AC/DC referenced for 1 V/ns DQ, DM slew rate, and 2 V/ns differential DQS,  slew rate.
Derating Values for AC/DC-based tDS/tDH (AC220, DC130)
AC220 DC130 Threshold
DQS,
 Differential Slew Rate
4.0 V/ns
3.0 V/ns
2.0 V/ns
1.8 V/ns
1.6 V/ns
1.4 V/ns
1.2 V/ns
1.0 V/ns
△tIS △tIH △tIS △tIH △tIS △tIH △tIS △tIH △tIS △tIH △tIS △tIH △tIS △tIH △tIS △tIH
DQ,DM
Slew rate
V/ns
2
110
65
110
65
110
65
1.5
74
43
73
43
73
43
89
59
1
0
0
0
0
0
0
16
16
32
32
0.9
-3
-5
-3
-5
13
11
29
27
45
43
0.8
-8
-13
8
3
24
19
40
35
56
55
0.7
2
-6
18
10
34
26
50
46
66
78
0.6
10
-3
26
13
42
33
58
65
0.5
4
-4
20
16
36
48
0.4
-7
2
17
34
Notes: Cell contents shaded in light purple are defined as “not supported.”
Required time tVAC above VIH(ac) {below VIL(ac)} for valid transition
Slew Rate (V/ns)
tVAC @ 220mV [ps]
Min
Max
>2.0
175
–
2.0
170
–
1.5
167
–
1.0
163
–
0.9
162
–
0.8
161
–
0.7
159
–
0.6
155
–
0.5
150
–
<0.5
150
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com