Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NM1482KSLAXCL Datasheet(PDF) 82 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 82 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 78Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 79Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 80Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 81Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 82Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 83Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 84Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 85Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 86Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 119 page
background image
Version 1.3
82
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM1482KSLAXCL
NTC Proprietary
Level: Property
Differential Output Slew Rate
With the reference load for timing measurements, the output slew rate for falling and rising edges is defined and
measured between VOldiff(AC) and VOhdiff(AC) for differential signals as shown below.
Differential Output Slew Rate Definition
Description
Defined by
Measured
From
To
Differential output slew rate for rising edge
[VOHdiff(AC)
– VOLdiff(AC)] / ΔTRdiff
VOLdiff(AC)
VOHdiff(AC)
Differential output slew rate for falling edge
[VOHdiff(AC)
– VOLdiff(AC)] / ΔTFdiff
VOHdiff(AC)
VOLdiff(AC)
Notes:
Output slew rate is verified by design and characterization, and may not be subject to production testing.
Differential Output Slew Rate
Symbol
Parameter
LPDDR2 1066
Unit
Min
Max
SRQdiff
Differential output slew rate (output impedance = 40Ω ± 30%)
3.0
7.0
V/ns
SRQdiff
Differential output slew rate (output impedance = 60Ω ± 30%)
2.0
5.0
V/ns
Definitions:
SR = slew rate, Q = query output (similar to DQ = data-in, query-output), diff = differential signals
NOTE 1 Measured with output reference load.
NOTE 2 The output slew rate for falling and rising edges is defined and measured between VOL(AC) and VOH(AC).
NOTE 3 Slew rates are measured under normal SSO conditions, with 1/2 of DQ signals per data byte driving logic-high and 1/2 of
DQ signals per data byte driving logic-low.
AC Overshoot/Undershoot Specification
Parameter
1066
Unit
Maximum peak amplitude provided for overshoot area
Max
0.35
V
Maximum peak amplitude provided for undershoot area
Max
0.35
V
Maximum area above VDD
Max
0.15
V-ns
Maximum area below VSS
Max
0.15
V-ns
Notes:
1. VDD stands for VDDCA for CA[9:0], CK, , , and CKE. VDD stands for VDDQ for DQ, DM, DQS, and .
2. VSS stands for VSS for CA[9:0], CK, , , and CKE. VSS stands for VSS for DQ, DM, DQS, and .
3. Values are referenced from actual VDDQ, VDDCA and VSS levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com