Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NM1482KSLAXCL Datasheet(PDF) 12 Page - Nanya Technology Corporation.

Part # NM1482KSLAXCL
Description  MCP Specification
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1482KSLAXCL Datasheet(HTML) 12 Page - Nanya Technology Corporation.

Back Button NM1482KSLAXCL Datasheet HTML 8Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 9Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 10Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 11Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 12Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 13Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 14Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 15Page - Nanya Technology Corporation. NM1482KSLAXCL Datasheet HTML 16Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 119 page
background image
Version 1.3
12
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
4Gb SLC NAND + 2Gb LPDDR2
NM1482KSLAXCL
NTC Proprietary
Level: Property
Function Block Diagram (X8)
Schematic Cell Layout and Address Assignment (X8)
The Program operation works on page units while the Erase operation works on block units
Array Address (X8)
I/O 0
I/O 1
I/O 2
I/O 3
I/O 4
I/O 5
I/O 6
I/O 7
Address
1st cycle
CA0
CA1
CA2
CA3
CA4
CA5
CA6
CA7
Column Address
2nd cycle
CA8
CA9
CA10
CA11
CA12
L
L
L
Column Address
3rd cycle
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
Page Address
4th cycle
PA8
PA9
PA10
PA11
PA12
PA13
PA14
PA15
Page Address
5th cycle
PA16
L
L
L
L
L
L
L
Page Address
PA6 to PA16: Block address
PA0 to PA5: NAND address in block
A page consists of 4352 bytes in which 4096 bytes are used for
main memory storage and 256 bytes are for redundancy or for
other uses.
1 Page = 4352 Bytes
1 Block = 4352 Bytes x 64 Pages = (256K + 16K) Bytes
Capacity = 4352 Bytes x 64 Pages x 2048 Blocks
RY/




CLE

ALE
[
鍵
入
文
件
的
引
文
或
重
點
的
摘
要
。
您
可
以
將
文
字
方
塊
放
在
文
件
中
的
VCC
VSS
I/O
Control circuit
Logic control
Control circuit
HV generator
RY/
I/O 0
to
I/O 7
Address register
Status register
Command register
Memory cell array
Command register
Data register
Column decoder
Column buffer
1 Block = 64 Pages
(256K + 16K) Bytes
I/O 7
I/O 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com