Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GPLB30A Datasheet(PDF) 7 Page - Generalplus Technology Inc.

Part # GPLB30A
Description  LCD CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPLB30A Datasheet(HTML) 7 Page - Generalplus Technology Inc.

Back Button GPLB30A Datasheet HTML 3Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 4Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 5Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 6Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 7Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 8Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 9Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 10Page - Generalplus Technology Inc. GPLB30A Datasheet HTML 11Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
GPLB30A
© Generalplus Technology Inc.
Proprietary & Confidential
7
JAN. 07, 2008
Version: 1.4
6. FUNCTIONAL DESCRIPTIONS
6.1. Memory
The GPLB30A contains 96K-byte ROM and 2752-byte SRAM.
Cooperating with Generalplus bus extender, GPBA01B, the
external memory, either RAM or ROM, can be extended up to
4MB.
Serial SRAM interface is also provided in GPLB30A, thus
SRAM space can be extended by using Generalplus Serial SRAM,
GPRS256B or GPRS512C.
6.2. Map of Memory and I/Os
*NMI SOURCE:
- LV DETECT
- TIMER1
*INT SOURCE:
- EXT INT
- TBL (2/4/8/16Hz)
- TBH (128/256/512/1KHz)
- TIMER0
- TIMER1
- UART TX
- UART RX
ROM
(Bank)H
I/O &
$0000-$003F
$3E00-$3EFF
$4000-$7FFF
$8000-$BFFF
$C000-$FFF9
$FFFA-$FFFF
CPU View
$00000-$03FFF
$04000-$07FFF
$08000-$0BFFF
$0C000-$0FFFF
$10000-$13FFF
0H
1H
1L
$14000-$17FFF
2H
2L
ROM View
Bank Address: $0
$C000-$FFFF always mapping into 0L
0
1
2
3
0L
Reg.
$0040-$0AFF
ROM
(Bank)L
Interrupt
ROM
DPRAM
RAM
0L
1. $4000-$BFFF can be external memory if MEXT ($07.7) =1 and Bank port ($00.7)=1.
2. $C000-$FFFF can be external memory if MEXT ($07.7) =1 and EXC($0b.1)=1.
3. User program should start from $C800. $C000-$C7FF is the test program area.
4. User program interrupt vector: $FFFA ~ $FFFF.
5. Test program interrupt vector: $FFF2 ~ $FFF7.
6.3. Operating States
There are three operation modes involved in GPLB30A/31A:
standby, halt and operating.
The following table shows the
differences between these modes.
Operating
Halt
Standby
CPU
ON
OFF
OFF
32768Hz oscillator
ON
ON
OFF
LCD driver
ON
ON/OFF
OFF
6.3.1. Operating mode
In operating state, all functions (CPU, 32768Hz oscillator,
timer/counter, LCD driver…) are activated.
Generally speaking,
this mode consumes the highest current.
6.3.2. Standby mode
Write “07H” to P_04H_CPU_Clk_Ctrl Register ($04) and turn off
32768Hz oscillator to activate standby mode.
The standby mode
is a mode where the device is placed in its lowest current
consumption state.
In standby mode, all functions are turned off;
in addition, RAM and I/Os will remain in their previous states.
6.3.3. Halt mode
Write “07H” to P_04H_CPU_Clk_Ctrl Register ($04) but still keeps
32768Hz oscillator running to enter halt mode.
In halt mode,
CPU clock halts and waits for an event (key press, timer overflow)
to
wake
up.
The
32768Hz
related
functions,
such
as
timer/counter and LCD driver, may remain active in the halt mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com