Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S1M8822X01-R0T0 Datasheet(PDF) 19 Page - Samsung semiconductor

Part # S1M8822X01-R0T0
Description  INTERGER RF/IF DUAL PLL
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1M8822X01-R0T0 Datasheet(HTML) 19 Page - Samsung semiconductor

Back Button S1M8822X01-R0T0 Datasheet HTML 14Page - Samsung semiconductor S1M8822X01-R0T0 Datasheet HTML 15Page - Samsung semiconductor S1M8822X01-R0T0 Datasheet HTML 16Page - Samsung semiconductor S1M8822X01-R0T0 Datasheet HTML 17Page - Samsung semiconductor S1M8822X01-R0T0 Datasheet HTML 18Page - Samsung semiconductor S1M8822X01-R0T0 Datasheet HTML 19Page - Samsung semiconductor S1M8822X01-R0T0 Datasheet HTML 20Page - Samsung semiconductor S1M8822X01-R0T0 Datasheet HTML 21Page - Samsung semiconductor S1M8822X01-R0T0 Datasheet HTML 22Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
INTERGER RF/IF DUAL PLL
S1M8821/22/23
19
RF SENSITIVITY MEASUREMENT CIRCUIT
RF
Signal
Generator
Frequency
Counter
PC
Parallel
Port
50
Ω
Microstrip
100pF
51
Ω
100pF
12k
Ω
39k
Ω
fin
fin
OSCin
foLD
2.7V to 4.0V
VDD
VP
LE
DATA
CLOCK
100pF
100pF
2.2
µF
2.2
µF
** N=10,000 R=50 P=64
** Sensitivity limit is determined when the error of the divided RF output( foLD) becomes
≥ 1 Hz.
10dB ATTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com