Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APM9932/CKC-TR Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APM9932/CKC-TR
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9932/CKC-TR Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APM9932/CKC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Dual Enhancement Mode MOSFET (N-and P-Channel)
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2002
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
APM9932/C
• N-Channel
20V/15A, R
DS(ON)=12mΩ(typ.) @ VGS=10V
R
DS(ON)=17mΩ(typ.) @ VGS=4.5V
• P-Channel
-20V/-6A, R
DS(ON)=30mΩ(typ.) @ VGS=-4.5V
R
DS(ON)=45mΩ(typ.) @ VGS=-2.5V
••••• Super High Dense Cell Design for Extremely
Low R
DS(ON)
••••• Reliable and Rugged
••••• SO-8 Package
Pin Description
Ordering and Marking Information
Features
Applications
• Power Management in Notebook Computer ,
Portable Equipment and Battery Powered
Systems.
SO-8
1
2
3
45
6
7
8
S1
G1
S2
G2
D2
D2
D1
D1
G1
S1
D1
D1
APM9932/C
Handling Code
Temp. Range
Package Code
Package Code
K : SO-8
Operation Junction Temp. Range
C : -55 to 150 C
Handling Code
TR : Tape & Reel
°
APM9932/C K :
APM9932/C
XXXXX
XXXXX - Date Code
N-Channel MOSFET
P-Channel MOSFET
G2
S2
D2
D2
APM9932
SO-8
1
2
3
45
6
7
8
S1
G1
S2
G2
D
D
D
D
G1
S1
G2
S2
D
APM9932C
N- and P-Channel
MOSFET


Similar Part No. - APM9932/CKC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM9932CK ANPEC-APM9932CK Datasheet
150Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9932CKC-TR ANPEC-APM9932CKC-TR Datasheet
150Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9932CKC-TRL ANPEC-APM9932CKC-TRL Datasheet
150Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9932CKC-TU ANPEC-APM9932CKC-TU Datasheet
150Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9932CKC-TUL ANPEC-APM9932CKC-TUL Datasheet
150Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
More results

Similar Description - APM9932/CKC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM4532 ANPEC-APM4532 Datasheet
205Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM9928 ANPEC-APM9928 Datasheet
292Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542 ANPEC-APM4542 Datasheet
270Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4542K ANPEC-APM4542K Datasheet
153Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
APM4548K ANPEC-APM4548K Datasheet
250Kb / 13P
Dual Enhancement Mode MOSFET (N-and P-Channel)
logo
Sinopower Semiconductor...
APM4500AK SINOPWER-APM4500AK Datasheet
308Kb / 14P
Dual Enhancement Mode MOSFET (N- and P-Channel)
SM1A40CSQ SINOPWER-SM1A40CSQ Datasheet
275Kb / 14P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM7309CSKP SINOPWER-SM7309CSKP Datasheet
326Kb / 16P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM8403CSQ SINOPWER-SM8403CSQ Datasheet
279Kb / 14P
Dual Enhancement Mode MOSFET (N-and P-Channel)
SM3040CSU4 SINOPWER-SM3040CSU4 Datasheet
218Kb / 16P
Dual Enhancement Mode MOSFET (N-and P-Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com