Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APM9932/CKC-TR Datasheet(PDF) 12 Page - Anpec Electronics Coropration

Part # APM9932/CKC-TR
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9932/CKC-TR Datasheet(HTML) 12 Page - Anpec Electronics Coropration

Back Button APM9932/CKC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 11Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 12Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 13Page - Anpec Electronics Coropration  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2002
www.anpec.com.tw
12
APM9932/C
Carrier Tape & Reel Dimensions
A
J
B
T2
T1
C
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245°C,5 SEC
HOLT
MIL-STD 883D-1005.7
1000 Hrs Bias @ 125°C
PCT
JESD-22-B, A102
168 Hrs, 100% RH, 121°C
TST
MIL-STD 883D-1011.9
-65°C ~ 150°C, 200 Cycles
Reliability test program
Application
A
B
C
J
T1
T2
W
P
E
330
± 162 +1.5
12.75+
0.15
2
± 0.5 12.4 ± 0.2 2 ± 0.2
12
± 0. 3
8
± 0.1
1.75
±0.1
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOP- 8
5.5
± 1
1.55 +0.1 1.55+ 0.25 4.0
± 0.1 2.0 ± 0.1 6.4 ± 0.1 5.2± 0. 1 2.1± 0.1 0.3±0.013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com