Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APM9932/CKC-TR Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APM9932/CKC-TR
Description  Dual Enhancement Mode MOSFET (N-and P-Channel)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APM9932/CKC-TR Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APM9932/CKC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APM9932/CKC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2002
www.anpec.com.tw
3
APM9932/C
Notes
a : Guaranteed by design, not subject to production testing
Electrical Characteristics (Cont.) (T
A = 25°C unless otherwise noted)
APM9932/C
Symbol
Parameter
Test Condition
Min.
Typ. Max.
Unit
Dynamic
a
N-Ch
14
22
Q
g
Total Gate Charge
P-Ch
19
25
N-Ch
5
Q
gs
Gate-Source Charge
P-Ch
4.1
N-Ch
2.8
Q
gd
Gate-Drain Charge
N-Channel
V
DS=10V , IDS= 6A
V
GS=4.5V
P-Channel
V
DS=-4V , IDS=-1A
V
GS=-4.5V
P-Ch
1.6
nC
N-Ch
612
t
d(ON)
Turn-on Delay Time
P-Ch
23
45
N-Ch
510
T
r
Turn-on Rise Time
P-Ch
45
80
N-Ch
16
40
t
d(OFF)
Turn-off Delay Time
P-Ch
45
90
N-Ch
520
T
f
Turn-off Fall Time
N-Channel
V
DD=10V , IDS=1A ,
V
GEN=4.5V , RG=10Ω
P-Channel
V
DD=-4V , IDS=-1A ,
V
GEN=-4.5V , RG=10Ω
P-Ch
32
55
ns
N-Ch
1225
C
iss
Input Capacitance
P-Ch
1400
N-Ch
330
C
oss
Output Capacitance
P-Ch
520
N-Ch
220
C
rss
Reverse Transfer Capacitance
N-Channel
V
GS=0V , VDS=15V
Frequency=1.0MHz
P-Channel
V
GS=0V , VDS=-4V
Frequency=1.0MHz
P-Ch
320
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com